| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C511 bảng dữ liệu(PDF) 14 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
C511 bảng dữ liệu(HTML) 14 Page - Siemens Semiconductor Group |
|
14 / 43 page ![]() Semiconductor Group 14 C511 / C513 PMS0 PMS1 PMS2 PMS3 35 33 32 10 I Programming Mode Select PMS0-3 are used to put the C513A-H into the program-ming mode. In normal mode the programming mode select pins have the meaning as shown in the table below. PMS0-3 must be set to the logic level as described in the table below. V SS 22 – Circuit ground potential V CC 44 – Power supply terminal for all operating modes N.C. 1-9, 11-14, 23-31, 34 – No connection These pins must not be connected. *) I = Input O = Output Table 4 Pin Definitions and Functions in Programming Mode (C513A-H only) (cont’d) Symbol Pin Number I/O*) Function P-LCC-44 Normal Mode Pin Names Progr. Mode Pin Names Required Logic Level EA PMS0 0 ALE PMS1 1 PSEN PMS2 0 RESET PMS3 1 |