| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE7250GVIO bảng dữ liệu(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7250GVIO bảng dữ liệu(HTML) 21 Page - Infineon Technologies AG |
|
21 / 23 page ![]() TLE7250GVIO Package Outlines Data Sheet 21 Rev. 1.0, 2012-03-14 9 Package Outlines Figure 11 PG-DSO-8 (Plastic dual small outline PG-DSO-8-16) Green Product (RoHS-compliant) The device has been designed as a green product to meet the world-wide customer requirements for environment- friendly products and to be compliant with government regulations. Green products are RoHS-compliant (i.e Pb- free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). 0.35 x 45˚ 1) -0.2 4 C 0.64 ±0.2 6 ±0.25 0.2 8x M C 1.27 +0.1 0.41 0.2 M A -0.06 B 8x B 2) Index Marking 5-0.2 1) 4 1 85 A 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Lead width can be 0.61 max. in dambar area GPS01181 0.1 For further information on alternative packages, please visit our website: http://www.infineon.com/packages. Dimensions in mm |