| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RDT bảng dữ liệu(PDF) 2 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
RDT bảng dữ liệu(HTML) 2 Page - E-SWITCH |
|
2 / 5 page ![]() www.e-switch.com 800.867.2717 3 rDt SerieS rotary Dip Switch Body dimensions Right Angle VeRticAl 10.00 [.394 in] 10.00 [.394 in] 2.20 [.087 in] 6.50 [.256 in] 4 2 2 C 8 Ø9.60 [Ø.378 in] 10.00 [.394 in] 10.00 [.394 in] 2.20 [.087 in] 1 4 4 2 C 4.85 [.191 in] 5.00 [.197 in] Ø9.60 [Ø.378 in] geneRAl codes 2 1 5 4 6 3 7 9 8 0 12 C 4 8 REAL CODE COMPLEMENT CODE C 2 1 0 4 3 2 1 8 8 4 5 6 7 9 10 POSITION 10 POSITION 2 1 3 0 12 C REAL CODE COMPLEMENT CODE C 2 1 0 3 2 1 4 POSITION 4 POSITION 2 C 1 C 2 C 1 C 2 1 5 4 3 0 12 C 4 8 REAL CODE COMPLEMENT CODE C 2 1 0 4 3 2 1 8 4 5 6 POSITION 6 POSITION 2 C 4 C 1 2 C 4 C 1 8 2 1 5 4 6 3 7 0 12 C 4 8 REAL CODE COMPLEMENT CODE C 2 1 0 4 3 2 1 8 4 5 6 7 8 POSITION 8 POSITION 2 C 4 C 1 8 2 C 4 C 1 4 2 9 10 2 8 1 5 6 7 3 7 6 8 9 8 A C B 12 D 13 11 14 4 0 1 C 0 15 5 4 3 2 1 E F COMPLEMENT CODE 16 POSITION 6 6 5 4 2 3 1 0 4 21 3 8 7 D E F 13 14 15 8 0 4 1 2 5 B C 12 11 7 8 C 10 9 9 A REAL CODE 16 POSITION |