| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P1AFS1500 bảng dữ liệu(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
P1AFS1500 bảng dữ liệu(HTML) 2 Page - Microsemi Corporation |
|
2 / 334 page ![]() Fusion Family of Mixed Signal FPGAs II Re vis i on 2 Fusion Device Architecture Overview Package I/Os: Single-/Double-Ended (Analog) Figure 1 • Fusion Device Architecture Overview (AFS600) Fusion Devices AFS090 AFS250 AFS600 AFS1500 ARM Cortex-M1 Devices M1AFS250 M1AFS600 M1AFS1500 Pigeon Point Devices P1AFS600 1 P1AFS1500 1 MicroBlade Devices U1AFS600 2 QN108 37/9 (16) QN180 60/16 (20) 65/15 (24) PQ208 3 93/26 (24) 95/46 (40) FG256 75/22 (20) 114/37 (24) 119/58 (40) 119/58 (40) FG484 172/86 (40) 223/109 (40) FG676 252/126 (40) Notes: 1. Pigeon Point devices are only offered in FG484 and FG256. 2. MicroBlade devices are only offered in FG256. 3. Fusion devices in the same package are pin compatible with the exception of the PQ208 package (AFS250 and AFS600). VersaTile CCC CCC I/Os OSC CCC/PLL Bank 0 Bank 1 Bank 3 SRAM Block 4,608-Bit Dual-Port SRAM or FIFO Block SRAM Block 4,608-Bit Dual-Port SRAM or FIFO Block Flash Memory Blocks Flash Memory Blocks ADC Analog Quad ISP AES Decryption User Nonvolatile FlashROM Charge Pumps Analog Quad Analog Quad Analog Quad Analog Quad Analog Quad Analog Quad Analog Quad Analog Quad Analog Quad |