| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFS600 bảng dữ liệu(PDF) 77 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AFS600 bảng dữ liệu(HTML) 77 Page - Microsemi Corporation |
|
77 / 334 page ![]() Fusion Family of Mixed Signal FPGAs R e visio n 2 2 - 61 The following signals are used to configure the RAM4K9 memory element: WIDTHA and WIDTHB These signals enable the RAM to be configured in one of four allowable aspect ratios (Table 2-27). BLKA and BLKB These signals are active low and will enable the respective ports when asserted. When a BLKx signal is deasserted, the corresponding port’s outputs hold the previous value. WENA and WENB These signals switch the RAM between read and write mode for the respective ports. A Low on these signals indicates a write operation, and a High indicates a read. CLKA and CLKB These are the clock signals for the synchronous read and write operations. These can be driven independently or with the same driver. PIPEA and PIPEB These signals are used to specify pipelined read on the output. A Low on PIPEA or PIPEB indicates a nonpipelined read, and the data appears on the corresponding output in the same clock cycle. A High indicates a pipelined, read and data appears on the corresponding output in the next clock cycle. WMODEA and WMODEB These signals are used to configure the behavior of the output when the RAM is in write mode. A Low on these signals makes the output retain data from the previous read. A High indicates pass-through behavior, wherein the data being written will appear immediately on the output. This signal is overridden when the RAM is being read. RESET This active low signal resets the output to zero, disables reads and writes from the SRAM block, and clears the data hold registers when asserted. It does not reset the contents of the memory. ADDRA and ADDRB These are used as read or write addresses, and they are 12 bits wide. When a depth of less than 4 k is specified, the unused high-order bits must be grounded (Table 2-28). Table 2-27 • Allowable Aspect Ratio Settings for WIDTHA[1:0] WIDTHA1, WIDTHA0 WIDTHB1, WIDTHB0 D×W 00 00 4k×1 01 01 2k×2 10 10 1k×4 11 11 512×9 Note: The aspect ratio settings are constant and cannot be changed on the fly. Table 2-28 • Address Pins Unused/Used for Various Supported Bus Widths D×W ADDRx Unused Used 4k×1 None [11:0] 2k×2 [11] [10:0] 1k×4 [11:10] [9:0] 512×9 [11:9] [8:0] Note: The "x" in ADDRx implies A or B. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |