công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFS600 bảng dữ liệu(PDF) 318 Page - Microsemi Corporation

tên linh kiện AFS600
Giải thích chi tiết về linh kiện  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 bảng dữ liệu(HTML) 318 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 314Page - Microsemi Corporation AFS600 Datasheet HTML 315Page - Microsemi Corporation AFS600 Datasheet HTML 316Page - Microsemi Corporation AFS600 Datasheet HTML 317Page - Microsemi Corporation AFS600 Datasheet HTML 318Page - Microsemi Corporation AFS600 Datasheet HTML 319Page - Microsemi Corporation AFS600 Datasheet HTML 320Page - Microsemi Corporation AFS600 Datasheet HTML 321Page - Microsemi Corporation AFS600 Datasheet HTML 322Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 334 page
background image
Datasheet Information
5- 2
R e v ision 2
Revision 2
(continued)
The following figures were deleted (SAR 29991). Reference was made to a new
application note, Simultaneous Read-Write Operations in Dual-Port SRAM for Flash-
Based cSoCs and FPGAs,
which covers these cases in detail (SAR 34862).
Figure 2-55 • Write Access after Write onto Same Address
Figure 2-56 • Read Access after Write onto Same Address
Figure 2-57 • Write Access after Read onto Same Address
The port names in the SRAM "Timing Waveforms", "Timing Characteristics", SRAM
tables, Figure 2-55 • RAM Reset. Applicable to both RAM4K9 and RAM512x18., and
the FIFO "Timing Characteristics" tables were revised to ensure consistency with the
software names (SAR 35753).
2-66,
2-69,
2-68, 2-77
In several places throughout the datasheet, GNDREF was corrected to
ADCGNDREF (SAR 20783):
Figure 2-62 • Analog Block Macro
Table 2-36 • Analog Block Pin Description
"ADC Operation" section
2-79
2-80
2-106
The following note was added below Figure 2-76 • Timing Diagram for the
Temperature Monitor Strobe Signal:
When the IEEE 1149.1 Boundary Scan EXTEST instruction is executed, the AG pad
drive strength ceases and becomes a 1 µA sink into the Fusion device. (SAR
24796).
2-95
The "Analog-to-Digital Converter Block" section was extensively revised,
reorganizing the information and adding the "ADC Theory of Operation" section and
"Acquisition Time or Sample Time Control" section. The "ADC Example" section was
reworked and corrected (SAR 20577).
2-98
Table 2-49 • Analog Channel Specifications was modified to include calibrated and
uncalibrated values for offset (AFS090 and AFS250) for the external and internal
temperature monitors. The "Offset" section was revised accordingly and now
references Table 2-49 • Analog Channel Specifications (SARs 22647, 27015).
2-97,
2-119
The "Intra-Conversion" section and "Injected Conversion" section had definitions
incorrectly interchanged and have been corrected. Figure 2-90 • Intra-Conversion
Timing Diagram and Figure 2-91 • Injected Conversion Timing Diagram were also
incorrectly interchanged and have been replaced correctly. Reference in the figure
notes to EQ 10 has been corrected to EQ 23 (SAR 20547).
2-111,
2-114,
2-115
The "Examples" section for calibrating accuracy for ADC channels were revised and
corrected to make them consistent with terminology in the associated tables (SARs
36791, 36773).
2-126
A note was added to Table 2-56 • Analog Quad ACM Byte Assignment and the
introductory text for Table 2-66 • Internal Temperature Monitor Control Truth Table,
stating that for the internal temperature monitor to function, Bit 0 of Byte 2 for all 10
Quads must be set (SAR 34418).
2-131,
2-133
tDOUT was corrected to tDIN in Figure 2-114 • Input Buffer Timing Model and Delays
(example) (SAR 37115).
2-163
The formulas in the table notes for Table 2-97 • I/O Weak Pull-Up/Pull-Down
Resistances were corrected (SAR 34751).
2-173
The AC Loading figures in the "Single-Ended I/O Characteristics" section were
updated to match tables in the "Summary of I/O Timing Characteristics – Default I/O
Software Settings" section (SAR 34877).
2-177
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com