công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFS600 bảng dữ liệu(PDF) 275 Page - Microsemi Corporation

tên linh kiện AFS600
Giải thích chi tiết về linh kiện  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 bảng dữ liệu(HTML) 275 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 271Page - Microsemi Corporation AFS600 Datasheet HTML 272Page - Microsemi Corporation AFS600 Datasheet HTML 273Page - Microsemi Corporation AFS600 Datasheet HTML 274Page - Microsemi Corporation AFS600 Datasheet HTML 275Page - Microsemi Corporation AFS600 Datasheet HTML 276Page - Microsemi Corporation AFS600 Datasheet HTML 277Page - Microsemi Corporation AFS600 Datasheet HTML 278Page - Microsemi Corporation AFS600 Datasheet HTML 279Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
3 - 25
PS-CELL = NS-CELL * (PAC5 + (α1 / 2) * PAC6) * FCLK
NS-CELL is the number of VersaTiles used as sequential modules in the design. When a multi-tile
sequential cell is used, it should be accounted for as 1.
α
1 is the toggle rate of VersaTile outputs—guidelines are provided in Table 3-16 on page 3-27.
FCLK is the global clock signal frequency.
Standby Mode and Sleep Mode
PS-CELL = 0 W
Combinatorial Cells Dynamic Contribution—PC-CELL
Operating Mode
PC-CELL = NC-CELL* (α1 / 2) * PAC7 * FCLK
NC-CELL is the number of VersaTiles used as combinatorial modules in the design.
α1 is the toggle rate of VersaTile outputs—guidelines are provided in Table 3-16 on page 3-27.
FCLK is the global clock signal frequency.
Standby Mode and Sleep Mode
PC-CELL = 0 W
Routing Net Dynamic Contribution—PNET
Operating Mode
PNET = (NS-CELL + NC-CELL) * (α1 / 2) * PAC8 * FCLK
NS-CELL is the number VersaTiles used as sequential modules in the design.
NC-CELL is the number of VersaTiles used as combinatorial modules in the design.
α1 is the toggle rate of VersaTile outputs—guidelines are provided in Table 3-16 on page 3-27.
FCLK is the global clock signal frequency.
Standby Mode and Sleep Mode
PNET = 0 W
I/O Input Buffer Dynamic Contribution—PINPUTS
Operating Mode
PINPUTS = NINPUTS * (α2 / 2) * PAC9 * FCLK
NINPUTS is the number of I/O input buffers used in the design.
α
2 is the I/O buffer toggle rate—guidelines are provided in Table 3-16 on page 3-27.
FCLK is the global clock signal frequency.
Standby Mode and Sleep Mode
PINPUTS = 0 W
I/O Output Buffer Dynamic Contribution—POUTPUTS
Operating Mode
POUTPUTS = NOUTPUTS * (α2 / 2) * β1 * PAC10 * FCLK
NOUTPUTS is the number of I/O output buffers used in the design.
α
2 is the I/O buffer toggle rate—guidelines are provided in Table 3-16 on page 3-27.
β
1 is the I/O buffer enable rate—guidelines are provided in Table 3-17 on page 3-27.
FCLK is the global clock signal frequency.
Standby Mode and Sleep Mode
POUTPUTS = 0 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com