| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431A bảng dữ liệu(PDF) 2 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
TL431A bảng dữ liệu(HTML) 2 Page - KEC(Korea Electronics) |
|
2 / 6 page ![]() 2008. 7. 3 2/6 TL431 Series Revision No : 0 ELECTRICAL CHARACTERISTICS (Ta=25 ) MAXIMUM RATINGS (Ta=25 ) (Full operating ambient temperature range applies unless otherwise noted.) CHARACTERISTICS SYMBOL TEST CIRCUIT TEST CONDITION MIN. TYP. MAX. UNIT Reference Input Voltage TL431 Vref Figure 1 VKA=Vref , IK=10mA 2.440 2.495 2.550 V TL431A 2.470 2.495 2.520 V TL431B 2.4825 2.495 2.5075 V Reference Input Voltage Deviation Over Temperature Range Vref Figure 1 (Note 1) VKA=Vref , IK=10mA - 7.0 30 mV Ratio of Change in Reference Input Voltage to Change in Cathode to Anode Voltage Vref/ VKA Figure 2 IK=10mA VKA= 10V Vref - -1.4 -2.7 mV/V VKA= 36V 10V - -1.0 -2.0 Reference Input Current Ta=25 Iref Figure 2 IK=10mA, R1=10k , R2= - 1.8 4.0 A Ta=Topr - - 6.5 Reference Input Current Deviation Over Temperature Range Iref Figure 2 IK=10mA, R1=10k , R2= - 0.8 2.5 A Minimum Cathode Current For Regulation Imin Figure 1 VKA=Vref - 0.5 1.0 mA Off-State Cathode Current Ioff Figure 3 VKA=36V, Vref=0V - 2.6 1000 nA Dynamic Impedance Zka Figure 1 (Note 2) VKA=Vref, IK=1.0 100mA, f 1.0kHz - 0.22 - CHARACTERISTIC SYMBOL RATING UNIT Cathode To Anode Voltage VKA 37 V Cathode Current Range, Continuous IK -100 150 mA Reference Input Current Range, Continuous Iref -0.05 10 mA Operating Junction Temperature Tj 150 Operating Temperature Topr -40 85 Storage Temperature Tstg -65 150 Total Power Dissipation TL431 PD 700 mW TL431F 800 |