| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KIA578R018FP/PI bảng dữ liệu(PDF) 6 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA578R018FP/PI bảng dữ liệu(HTML) 6 Page - KEC(Korea Electronics) |
|
6 / 9 page ![]() 2007. 9. 7 6/8 KIA578R015FP/PI~KIA578R050FP/PI Revision No : 1 ELECTRICAL CHARACTERISTICS (KIA578R030) (Unless otherwise specified, VIN=VO+1V, IO=2.5A, connects VO(SENSE) terminal to VO terminal, Ta=25 .) CHARACTERISTIC SYMBOL CONDITIONS MIN. TYP. MAX. UNIT Output Voltage VO Contacts VO(SENSE) terminal to Vo terminal 2.925 3.0 3.075 V Load Regulation Reg Load IO=5mA 5A - 0.2 2 % Line Regulation Reg Line VIN=3.5V~7V, IO=5mA - 0.1 1 % Temperature Coefficient of Output Voltage TCVO Tj=0 125 , IO=5mA - 0.02 0.05 %/ Ripple Rejection R R IOUT=0.5A, f=120Hz, Vripple=0.5Vrms, VIN=5V 60 70 - dB Output ON state for control Voltage VC(ON) - 2.0 - - V Output ON state for control Current IC(ON) VC=2.7V - - 20 A Output OFF state for control Voltage VC(OFF) - - - 0.8 V Output OFF state for control Current IC(OFF) VC=0.4V - - -0.4 mA Quiescent Current IQ IO=0 - 1 2 mA Quiescent Current (OFF Mode) IQ(OFF) VC=0.4V - 0.1 5 A ELECTRICAL CHARACTERISTICS (KIA578R033) (Unless otherwise specified, VIN=VO+1V, IO=2.5A, connects VO(SENSE) terminal to VO terminal, Ta=25 .) CHARACTERISTIC SYMBOL CONDITIONS MIN. TYP. MAX. UNIT Output Voltage VO Contacts VO(SENSE) terminal to Vo terminal 3.218 3.30 3.382 V Load Regulation Reg Load IO=5mA 5A - 0.2 2 % Line Regulation Reg Line VIN=3.8V~7V, IO=5mA - 0.1 1 % Temperature Coefficient of Output Voltage TCVO Tj=0 125 , IO=5mA - 0.02 0.05 %/ Ripple Rejection R R IOUT=0.5A, f=120Hz, Vripple=0.5Vrms, VIN=5V 60 70 - dB Output ON state for control Voltage VC(ON) - 2.0 - - V Output ON state for control Current IC(ON) VC=2.7V - - 20 A Output OFF state for control Voltage VC(OFF) - - - 0.8 V Output OFF state for control Current IC(OFF) VC=0.4V - - -0.4 mA Quiescent Current IQ IO=0 - 1 2 mA Quiescent Current (OFF Mode) IQ(OFF) VC=0.4V - 0.1 5 A |