công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SFP3710G bảng dữ liệu(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

tên linh kiện SFP3710G
Giải thích chi tiết về linh kiện  Silicon N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Trang chủ  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

SFP3710G bảng dữ liệu(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  SFP3710G Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP3710G Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP3710G Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP3710G Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP3710G Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP3710G Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP3710G Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
SFP3710G
SFP3710G
SFP3710G
SFP3710G
2/7
Electrical Characteristics(Tc=25℃)
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Gate leakage current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
Gate-source breakdown voltage
V(BR)GSS
IG=±10 µA,VDS=0V
±30
-
-
V
Drain cut -off current
IDSS
VDS=100V,VGS=0V
-
-
20
µA
Drain -source breakdown voltage
V(BR)DSS
ID=250 µA,VGS=0V
100
-
-
V
Break voltage Temperature
Coefficient
△BVDSS/
△TJ
ID=1mA, Referenced to
25℃
-
0.1
-
V/℃
Gate threshold voltage
VGS(th)
VDS=10V,ID=250 µA
2
-
4
V
Drain -source ON resistance
RDS(ON)
VGS=10V,ID=35A
-
-
18
mΩ
Forward Transconductance
gfs
VDS=50V,ID=35A
-
35
-
S
Input capacitance
Ciss
VDS=25V,
VGS=0V,
f=1MHz
-
2990
-
pF
Reverse transfer capacitance
Crss
-
160
-
Output capacitance
Coss
-
3000
-
Switching time
Rise time
tr
VDD=28V,
ID=75A,
RG=6.8Ω,
(Note4,5)
-
18
-
ns
Turn-on time
ton
-
86
-
Fall time
tf
-
47
-
Turn-off
time
toff
-
60
-
Total gate charge(gate-source
plus gate-drain)
Qg
VDD=80V,
VGS=10V,
ID=35A
(Note4,5)
-
1180
-
nC
Gate-source charge
Qgs
-
190
-
Gate-drain("miller") Charge
Qgd
-
300
-
Source-Drain Ratings and Characteristics(Ta=25℃)
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Continuous drain reverse current
IDR
-
-
-
59
A
Pulse drain reverse current
IDRP
-
-
-
240
A
Forward voltage(diode)
VDSF
IS=35A,VGS=0V
-
-
1.5
V
Reverse recovery time
trr
IDR=75A,VDD=25V,
dIDR / dt =100 A / µs
-
56
75
ns
Reverse recovery charge
Qrr
-
106
160
µC
Note 1.Repeativity rating :pulse width limited by junction temperature
2.L=50µH IAS=59A,VDD=50V,RG=25Ω ,Starting TJ=25℃
3.ISD≤59A,di/dt≤300A/us,VDD<BVDSS,STARTING TJ=25℃
4.Pulse Test:Pulse Width≤300us,Duty Cycle≤2%
5. Essentially independent of operating temperature.
This transistor is an electrostatic sensitive device
Please handle with caution



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com