công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WFD5N50 bảng dữ liệu(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

tên linh kiện WFD5N50
Giải thích chi tiết về linh kiện  Silicon N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Trang chủ  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFD5N50 bảng dữ liệu(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFD5N50 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD5N50 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD5N50 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD5N50 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD5N50 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD5N50 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD5N50 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
W
W
W
WF
F
F
FD
D
D
D5N5
5N5
5N5
5N50
0
0
0
.
Rev.A Oct.2010
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
Features
■ 5A,500V,RDS(on)(Max1.6Ω)@VGS=10V
■ Ultra-low Gate Charge(Typical 32nC)
■ Fast Switching Capability
■ 100%Avalanche Tested
■ Maximum Junction Temperature Range(150℃)
General Description
Th is Power MO SFET is pro du ced usi ng Wins e mi ’s ad van ced
plana r stripe, DMOS technology. This latest technology has been
especially designed to minimize on-state resistance, have a high
rugge d avalanche chara ct er istics. This devices is spe cially well
suited for high efficiency switch model power supplies, power factor
correction and half bridge and full bridge resonant topology line a
electronic lamp ballast.
Absolute Maximum Ratings
S
S
S
Siiiili
li
li
lic
c
c
co
o
o
on
n
n
n N
N
N
N----C
C
C
Ch
h
h
ha
a
a
an
n
n
nn
n
n
nel
el
el
el M
M
M
MO
O
O
OS
S
S
SF
F
F
FET
ET
ET
ET
S
S
S
Sy
y
y
ym
m
m
mbol
bol
bol
bol
P
P
P
Pa
a
a
arrrra
a
a
am
m
m
me
e
e
ete
te
te
terrrr
V
V
V
Val
al
al
alue
ue
ue
ue
U
U
U
Un
n
n
niiiitttts
s
s
s
VDSS
Drain Source Voltage
500
V
ID
Continuous Drain Current(@Tc=25℃)
5
A
Continuous Drain Current(@Tc=100℃)
2.9
A
IDM
Drain Current Pulsed
(Note1)
18
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
300
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Total Power Dissipation(@Tc=25℃)
61
W
Derating Factor above 25℃
0.49
W/℃
TJ, Tstg
Junction and Storage Temperature
-55~150
℃
TL
Channel Temperature
300
℃
Thermal Characteristics
S
S
S
Sy
y
y
ym
m
m
mb
b
b
bol
ol
ol
ol
P
P
P
Pa
a
a
arrrra
a
a
am
m
m
met
et
et
ete
e
e
errrr
V
V
V
Val
al
al
alue
ue
ue
ue
U
U
U
Uni
ni
ni
nitttts
s
s
s
M
M
M
Miiiin
n
n
n
T
T
T
Ty
y
y
yp
p
p
p
M
M
M
Ma
a
a
ax
x
x
x
RQJC
Thermal Resistance, Junction-to-Case
-
-
2.05
℃/W
RQCS
Thermal Resistance, Case-to-Sink
-
0.5
-
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient
-
-
62.5
℃/W
DPAK
DPAK
DPAK
DPAK


Số phần tương tự - WFD5N50

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wisdom technologies Int...
WFD5N60 WISDOM-WFD5N60 Datasheet
737Kb / 6P
600V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
WFD5N60 VBSEMI-WFD5N60 Datasheet
1Mb / 9P
Power MOSFET
logo
Shenzhen Winsemi Microe...
WFD5N60B WINSEMI-WFD5N60B Datasheet
496Kb / 7P
Silicon N-Channel MOSFET
WFD5N60B WINSEMI-WFD5N60B Datasheet
246Kb / 8P
Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
WFD5N60B VBSEMI-WFD5N60B Datasheet
1Mb / 9P
Power MOSFET
More results

Mô tả tương tự - WFD5N50

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Guangdong Kexin Industr...
2SK2211 KEXIN-2SK2211 Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK1880S KEXIN-2SK1880S Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK2503 KEXIN-2SK2503 Datasheet
43Kb / 1P
Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFF10N60 WINSEMI-WFF10N60 Datasheet
705Kb / 7P
Silicon N-Channel MOSFET
WFF9N50 WINSEMI-WFF9N50 Datasheet
1Mb / 7P
Silicon N-Channel MOSFET
WFF8N65B WINSEMI-WFF8N65B Datasheet
711Kb / 7P
Silicon N-Channel MOSFET
WFD830B WINSEMI-WFD830B Datasheet
434Kb / 7P
Silicon N-Channel MOSFET
WFD4N60B WINSEMI-WFD4N60B Datasheet
510Kb / 7P
Silicon N-Channel MOSFET
WFD2N60B WINSEMI-WFD2N60B Datasheet
557Kb / 7P
Silicon N-Channel MOSFET
SFP50N06 WINSEMI-SFP50N06 Datasheet
486Kb / 7P
Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com