| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMDA08LC bảng dữ liệu(PDF) 6 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
SMDA08LC bảng dữ liệu(HTML) 6 Page - Protek Devices |
|
6 / 10 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05074.R9 9/10 Page 6 SMDA03LC - SMDA24LCC APPLICATION INFORMATION FIGURE 1 - UNIDIRECTIONAL COMMON-MODE PROTECTION Circuit connectivity is as follows: • Line 1 connected to Pin 5. • Line 2 connected to Pin 6. • Line 3 connected to Pin 7. • Line 4 connected to Pin 8. • Pins 1 - 4 connected to ground. 1 2 4 8 3 5 6 7 Line 1 Line 2 Line 3 Line 4 GND |