| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSOT05C bảng dữ liệu(PDF) 6 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
PSOT05C bảng dữ liệu(HTML) 6 Page - Protek Devices |
|
6 / 8 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05059.R11 8/10 Page 6 PSOT03 - PSOT36C SOT-23 PACkAGe inFORmATiOn OuTline DimenSiOnS Dim millimeTeRS inCheS min mAX min mAX A 2.80 3.04 0.110 0.120 B 1.20 1.40 0.047 0.055 C 0.89 1.11 0.035 0.044 D 0.37 0.50 0.015 0.020 G 1.78 2.04 0.070 0.081 H 0.013 0.100 0.001 0.004 J 0.085 0.177 0.003 0.007 K 0.45 0.60 0.018 0.024 L 0.89 1.02 0.035 0.040 S 2.10 2.50 0.083 0.098 V 0.45 0.60 0.018 0.024 nOTeS 1. Controlling dimension: inches. 2. Dimensioning and tolerances per ANSI Y14.5M, 1985. 3. Pin 3 is the cathode (Unidirectional Only) 4. Dimensions are exclusive of mold flash and metal burrs. PAD lAYOuT DimenSiOnS Dim millimeTeRS inCheS min mAX min mAX A 0.71 0.97 0.028 0.038 B 1.88 2.13 0.074 0.084 C 0.71 0.97 0.028 0.038 D 0.81 1.07 0.032 0.042 nOTeS 1. Controlling dimension: inches. A L B S G V 3 1 2 D H C K J 0°-10° A C D B |