| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLC496 bảng dữ liệu(PDF) 6 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
PLC496 bảng dữ liệu(HTML) 6 Page - Protek Devices |
|
6 / 9 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05109.R8 10/10 Page 6 PLC496 APPLiCATion inFoRMATion FiGuRe 1 - DiFFeRenTiAL MoDe i/o PoRT PRoTeCTion Circuit connectivity is as follows: • Pins 1, 4, 5 and 8 are connected to the data lines. • Pins 2, 3, 6 and 7 are not connected. 1 2 4 8 3 5 6 7 LINE 1 IN LINE 2 IN LINE 1 OUT LINE 2 OUT FiGuRe 2 - CoMMon MoDe sensoR PRoTeCTion Circuit connectivity is as follows: • Pins 1 and 8 connected to the dataline. • Pins 4 and 5 connected to ground. • Pins 2, 3, 6 and 7 are not connected. 1 2 4 8 3 5 6 7 1 2 4 8 3 5 6 7 NC NC NC NC NC NC NC NC CiRCuiT BoARD ReCoMMenDATions Circuit board layout is critical for electromagnetic compatibility protection. The follow- ing guidelines are recommended: • The protection device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. • The path length between the TVS device and the protected line should be mini- mized. • All conductive loops including power and ground loops should be minimized. • The transient current return path to ground should be kept as short as possible to reduce parasitic inductance. • Ground planes should be used whenever possible. For multilayer PCBs, use ground vias. |