| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT83B60 bảng dữ liệu(PDF) 29 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83B60 bảng dữ liệu(HTML) 29 Page - Holtek Semiconductor Inc |
|
29 / 84 page ![]() Rev. 1.00 �8 De�e��e� 1�� �011 Rev. 1.00 �� De�e��e� 1�� �011 HT83B60 Voice Mask MCU HT83B60 Voice Mask MCU Timers Theprovisionoftimersformanimportantpartofanymicrocontroller,givingthedesignerameans ofcarryingouttimerelatedfunctions.Thesedevicescontaintwocountuptimersof8-bitcapacity. Theprovisionofaninternalprescalertotheclockcircuitryofthetimergivesaddedrangetothe timer. TherearetwotypesofregisterrelatedtoeachTimer.Thefirstistheregisterthatcontainstheactual valueofthetimerandintowhichaninitialvaluecanbepreloaded.Readingfromthisregister retrievesthecontentsoftheTimer.Alldevicescanhavethetimerclockconfiguredtocomefromthe internalclocksource. Ti me r M ode C ont ro l T0 ON T1 ON Pr el oad Re gi st er Ti me r Da ta B us Re l oad Ov er fl ow to I nt er ru pt T1 PS C2 ~T 1P SC 0 T0 PS C2 ~T 0P SC 0 8- Bi t C ount er f SY S Pr e sca le r (1 /2 ~1 /2 56) T1 TM 1 T0 TM 1 T1 TM 0 T0 TM 0 8-bit Timer Structure Configuring the Timer Input Clock Source Theclocksourceforthe8-bittimersisthesystemclockdividedbyfour.The8-bittimerclock sourceisalsofirstdividedbya,thedivisionratioofwhichisconditionedbythethreelowerbitsof theassociatedtimercontrolregister. Timer Registers - TMR0, TMR1 ThetimerregistersarespecialfunctionregisterslocatedinthespecialpurposeDataMemoryandis theplacewheretheactualtimervalueisstored.Alldevicescontaintwo8-bittimers,whoseregisters areknownasTMR0andTMR1.Thevalueinthetimerregistersincreasesbyoneeachtimean internalclockpulseisreceived.Thetimerwillcountfromtheinitialvalueloadedbythepreload registertothefullcountofFFHforthe8-bittimeratwhichpointthetimeroverflowsandaninternal interruptsignalisgenerated.Thetimervaluewillthenberesetwiththeinitialpreloadregistervalue andcontinuecounting. NotethattoachieveamaximumfullrangecountofFFHforthe8-bittimer,thepreloadregisters mustfirstbeclearedtoallzeros.Itshouldbenotedthatafterpower-on,thepreloadregisterswillbe inanunknowncondition.NotethatiftheTimerCountersareinanOFFconditionanddataiswritten totheirpreloadregisters,thisdatawillbeimmediatelywrittenintotheactualcounter.However,if thecounterisenabledandcounting,anynewdatawrittenintothepreloaddataregisterduringthis periodwillremaininthepreloadregisterandwillonlybewrittenintotheactualcounterthenext timeanoverflowoccurs.Notealsothatwhenthetimerregistersareread,thetimerclockwillbe blockedtoavoiderrors,however,asthismayresultincertaintimingerrors,programmersmusttake thisintoaccount. |