công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT67F50 bảng dữ liệu(PDF) 99 Page - Holtek Semiconductor Inc

tên linh kiện HT67F50
Giải thích chi tiết về linh kiện  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 bảng dữ liệu(HTML) 99 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 95Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 96Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 97Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 98Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 99Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 100Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 101Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 102Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 103Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
98
March 06 , 2012
Rev. 1.50
99
March 06 , 2012
Timer Modules – TM
One of the most fundamental functions in any microcontroller device is the ability to control and
measure time. To implement time related functions each device includes several Timer Modules,
abbreviated to the name TM. The TMs are multi-purpose timing units and serve to provide
operations such as Timer/Counter, Input Capture, Compare Match Output and Single Pulse Output
as well as being the functional unit for the generation of PWM signals. Each of the TMs has either
two or three individual interrupts. The addition of input and output pins for each TM ensures that
users are provided with timing units with a wide and flexible range of features.
The common features of the different TM types are described here with more detailed information
provided in the individual Compact, Standard and Enhanced TM sections.
Introduction
The devices contain from two to four TMs depending upon which device is selected with each TM
having a reference name of TM0, TM1, TM2 and TM3. Each individual TM can be categorised as a
certain type, namely Compact Type TM, Standard Type TM or Enhanced Type TM. Although similar
in nature, the different TM types vary in their feature complexity. The common features to all of the
Compact, Standard and Enhanced TMs will be described in this section, the detailed operation
regarding each of the TM types will be described in separate sections. The main features and
differences between the three types of TMs are summarised in the accompanying table.
Function
CTM
STM
ETM
Timer/Counter
√
√
√
I/P Capture
—
√
√
Compare Match Output
—
√
√
PWM Channels
1
1
2
Single Pulse Output
—
1
2
PWM Alignment
Edge
Edge
Edge & Centre
PWM Adjustment Period & Duty
Duty or Period
Duty or Period
Duty or Period
TM Function Summary
Each device in the series contains a specific number of either Compact Type, Standard Type and
Enhanced Type TM units which are shown in the table together with their individual reference name,
TM0~TM3.
Device
TM0
TM1
TM2
TM3
HT67F30
10-bit CTM
10-bit ETM
—
—
HT67F40
10-bit CTM
10-bit ETM
16-bit STM
—
HT67F50
10-bit CTM
10-bit ETM
16-bit STM
10-bit CTM
HT67F60
10-bit CTM
10-bit ETM
16-bit STM
10-bit CTM
TM Name/Type Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com