công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AVR601 bảng dữ liệu(PDF) 3 Page - ATMEL Corporation

tên linh kiện AVR601
Giải thích chi tiết về linh kiện  Atmel Modular Evaluation Kits for Motor Control Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR601 bảng dữ liệu(HTML) 3 Page - ATMEL Corporation

  AVR601 Datasheet HTML 1Page - ATMEL Corporation AVR601 Datasheet HTML 2Page - ATMEL Corporation AVR601 Datasheet HTML 3Page - ATMEL Corporation AVR601 Datasheet HTML 4Page - ATMEL Corporation AVR601 Datasheet HTML 5Page - ATMEL Corporation AVR601 Datasheet HTML 6Page - ATMEL Corporation AVR601 Datasheet HTML 7Page - ATMEL Corporation AVR601 Datasheet HTML 8Page - ATMEL Corporation AVR601 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
7803A–AVR–10/08
AVR601
Figure 1-3.
AMCI Motor Control bus
This bus can be used by any AVR microcontroller to control a motor. This is an ideal interface to
optimize the system cost and to identify the cheapest solution with the required level of
performance.
2.
Processor boards
As shown on Figure 5, each processor board has similar architecture and features; it includes:
• The corresponding AVR processor, which handles the motor control application and the other
tasks.
• A USB interface for communication with the host using Atmel Motor Control PC software.
The USB bridge is handled by an AT90USB1287.
• A connector to plug in an optional ATAVRDB101 display and Human Machine Interface
board.
• A potentiometer for providing analog speed target to the controller.
• Programming and debugging connectors.
• The four AMCI Motor Control bus connectors.



Html Pages

1 2 3 4 5 6 7 8 9