công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

542LP4E bảng dữ liệu(PDF) 3 Page - Hittite Microwave Corporation

tên linh kiện 542LP4E
Giải thích chi tiết về linh kiện  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITTITE [Hittite Microwave Corporation]
Trang chủ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

542LP4E bảng dữ liệu(HTML) 3 Page - Hittite Microwave Corporation

  542LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 542LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 542LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 542LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 542LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 542LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 542LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 542LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 3
DISC
ONT
INUE
D
PRO
DUC
T
Not R
ecom
men
ded
for N
ew D
esig
ns
Worst Case Step Error
Between Successive Attenuation States
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
Timing Diagram
Truth Table
Control Voltage Input
C16
C8
C4
C2
C1
C0.5
High
High
High
High
High
High
reference
I.L.
High
High
High
High
High
Low
0.5 dB
High
High
High
High
Low
High
1 dB
High
High
High
Low
High
High
2 dB
High
High
Low
High
High
High
4 dB
High
Low
High
High
High
High
8 dB
Low
High
High
High
High
High
16 dB
Low
Low
Low
Low
Low
Low
31.5 dB
Any combination of the above states will provide an attenuation
approximately equal to the sum of the bits selected.
Digital Control Voltages
state
Vcc = +5V
Low
0 to 1.3V
High
3.5 to 5V
Parameter
symbol
Vcc = +5V
units
Min.
Max.
serial Input setup time
ts
20
-
ns
Hold time from serial
Input to shift Clock
th
0
-
ns
setup time from shift
Clock to Latch enable
tlsup
40
-
ns
Latch enable Window,
Latch enable to C0.5
through C8
tpd
-
30
ns
setup time from reset to
shift Clock
-
20
-
ns
Clock Frequency
(1/tclk)
fclk
-
30
MHz
Timing
Serial Input Truth Table
Latch
enable
shift
Clock
reset
Function
X
X
L
shift register cleared
X
á
H
shift register clocked
á
X
H
Contents of shift register
transferred to Digital
Attenuator
HMC542LP4 / 542LP4E
v03.0809
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
SERIAL CONTROL ATTENUATOR, DC - 3 GHz



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com