công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2015446-2 bảng dữ liệu(PDF) 1 Page - Tyco Electronics

tên linh kiện 2015446-2
Giải thích chi tiết về linh kiện  Quad Small Form- factor Pluggable (QSFP) Products
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

2015446-2 bảng dữ liệu(HTML) 1 Page - Tyco Electronics

  2015446-2 Datasheet HTML 1Page - Tyco Electronics 2015446-2 Datasheet HTML 2Page - Tyco Electronics 2015446-2 Datasheet HTML 3Page - Tyco Electronics 2015446-2 Datasheet HTML 4Page - Tyco Electronics 2015446-2 Datasheet HTML 5Page - Tyco Electronics 2015446-2 Datasheet HTML 6Page - Tyco Electronics 2015446-2 Datasheet HTML 7Page - Tyco Electronics 2015446-2 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
DESCRIPTION
Tyco Electronics is a leading developer of
Quad Small Form-factor Pluggable, a new
high speed pluggable I/O interface products.
This interconnect system offers 4 channels,
providing 3 times the density of SFP/SFP+
ports. QSFP cages and connectors are
designed for data rates up to 10 Gb/s,
supporting Fibre Channel, Ethernet,
SDH/SONET and INFINIBAND standards.
The cage/connector system will accept opti-
cal or copper interfaces.
APPLICATIONS
• Switches, routers, and
host bus adapters (HBA’s)
• Enterprise storage
• High density, high speed I/O
• Multiple channel interconnects
TECHNICAL DOCUMENTS
Product Specification: 108-2286
KEY FEATURES
• 4x solution featuring
Tyco Electronics 38 position
EVERCLEAR connector
• Light pipe and heat sink options available
• Through-bezel and behind-bezel cage
options with proven EMI containment
• Direct attach copper cables for short
reach applications
• Cable assemblies compatible with
industry standard cages
• Quick release cable latching system
• Copper cable 360 degree braid crimp
minimizes EMI
• Various specialty copper cable assemblies
available
• MPO connectors plug into QSFP
parallel optic transceiver modules
• Copper cable assembly performance is
optimized when cable is engineered to
system architecture
FOR MORE INFORMATION
Cages and Connectors
Product Manager - Mike Walmsley
Phone: 717-985-2835
Fax: 717-985-2833
Email: mjwalmsl@tycoelectronics.com
Copper Cable Assembly
Product Manager - Dave Stonfer
Phone: 717-986-5950
Fax: 717-986-7179
Email: david.stonfer@tycoelectronics.com
Fiber Optic Cables
Product Manager - Brent Hatfield
Phone: 717-986-7037
Fax: 717-986-592-3244
Email: brent.hatfield@tycoelectronics.com
Technical Support
Internet: http://www.tycoelectronics.com
USA: 1-800-522-6752
Canada: 1-905-470-4425
UK: 44-141-810-8967
Japan: 81-44-844-8013
INFINIBAND is a trademark of the InfiniBand Trade Association.
Fibre Channel is a trademark of the Fibre Channel Industry Association.
Quad Small Form- factor Pluggable (QSFP) Products


Số phần tương tự - 2015446-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
2015446-2 MACOM-2015446-2 Datasheet
430Kb / 5P
Quad Small Form- factor Pluggable (QSFP) Products
More results

Mô tả tương tự - 2015446-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
1888617-1 MACOM-1888617-1 Datasheet
430Kb / 5P
Quad Small Form- factor Pluggable (QSFP) Products
logo
Molex Electronics Ltd.
0768700004 MOLEX11-0768700004 Datasheet
37Kb / 2P
Quad Small Form-factor Pluggable Plus QSFP Assembly
0768710005 MOLEX11-0768710005 Datasheet
50Kb / 2P
Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768710006 MOLEX11-0768710006 Datasheet
50Kb / 2P
Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768710008 MOLEX11-0768710008 Datasheet
50Kb / 2P
Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768711301 MOLEX11-0768711301 Datasheet
50Kb / 2P
Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768711302 MOLEX11-0768711302 Datasheet
50Kb / 2P
Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768711303 MOLEX11-0768711303 Datasheet
50Kb / 2P
Quad Small Form-factor Pluggable Plus (QSFP) Assembly
1062834003 MOLEX-1062834003 Datasheet
43Kb / 1P
Quad Small Form-factor Pluggable (QSFP) Optical Jumper Cable Assembly
1062834012 MOLEX-1062834012 Datasheet
43Kb / 1P
Quad Small Form-factor Pluggable (QSFP) Optical Jumper Cable Assembly
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com