| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DTC014TM bảng dữ liệu(PDF) 2 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
DTC014TM bảng dữ liệu(HTML) 2 Page - Rohm |
|
2 / 3 page ![]() www.rohm.com © 2011 ROHM Co., Ltd. All rights reserved. Data Sheet DTC014TM / DTC014TEB / DTC014TUB Electrical characteristics (Ta=25 C) Symbol Max. Unit BVCBO -V BVCEO -V BVEBO -V ICBO 500 nA IEBO 500 nA VCE(sat) 0.15 V hFE 600 - fT - MHz R1 13 k * Characteristics of built-in transistor Electrical characteristics curves Parameter Min. Typ. Test Conditions Collector-Base breakdown voltage 50 - IC=50A Collector-Emitter breakdown voltage 50 - IC=1mA Emitter-Base breakdown voltage 5 - IE=50A Collector cut-off current - - VCB=50V Emitter cut-off current - - VEB=4V Collector-Emitter saturation voltage - 0.05 IC=5mA/ IB=0.5mA DC current gain 100 - VCE=10V / IC=5mA Transition frequency * - 250 VCE=10V / IE=-5mA f=100MHz Fig.1 DC Current Gain vs. Collector Current Fig.2 Collector Saturation Voltage vs. Collector Current Input resistance 7 10 0.001 0.01 0.1 1 0.1 1 10 100 COLLECTOR CURRNET : IC (mA) Ic/IB=10 Ta=125ºC Ta=75ºC Ta=25ºC Ta=-40ºC 1 10 100 1000 0.1 1 10 100 COLLECTOR CURRENT : IC (mA) Ta=125ºC Ta=75ºC Ta=25ºC Ta=-40ºC VCE=10V 2/2 2011.08 - Rev.A |