công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX485 bảng dữ liệu(PDF) 2 Page - Tiger Electronic Co.,Ltd

tên linh kiện MAX485
Giải thích chi tiết về linh kiện  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TGS [Tiger Electronic Co.,Ltd]
Trang chủ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX485 bảng dữ liệu(HTML) 2 Page - Tiger Electronic Co.,Ltd

  MAX485 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAX485 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAX485 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAX485 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX485 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX485 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAX485
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) 12V
Continuous Power Dissipation (TA= +70°C)
Control Input Voltage -0.5V to (VCC + 0.5V)
8-Pin Plastic DIP (derate 9.09mW/°C above
+70°C) 727mW
Driver Input Voltage (DI) -0.5V to (VCC+ 0.5V)
8-Pin SOP (derate 5.88mW/°C above +70°C)
471mW
Driver Output Voltage (A, B) -8V to +12.5V
Operating Temperature Ranges 0°C to +70°C
Receiver Input Voltage (A, B) -8V to +12.5V
Storage Temperature Range -65°C to +160°C
Receiver Output Voltage (RO) -0.5V to (VCC+0.5V)
Lead Temperature (soldering, 10sec) +300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TY
P
MAX
UNITS
Differential Driver Output (no
load)
VOD1
5
V
R = 50Ω (RS-422)
2
Differential Driver Output
(with load)
VOD2
R = 27Ω (RS-485), Figure 4
1.5
5
V
Change in Magnitude of Driver
Differential Output Voltage for
Complementary Output States
∆VOD
R = 27Ω or 50Ω, Figure 4
0.2
V
Driver Common-Mode Output
Voltage
VOC
R = 27Ω or 50Ω, Figure 4
3
V
Change in Magnitude of Driver
Common-Mode Output Voltage for
Complementary Output States
∆VOD
R = 27Ω or 50Ω, Figure 4
0.2
V
Input High Voltage
VIH
DE, DI,
RE
2.0
V
Input Low Voltage
VIL
DE, DI,
RE
0.8
V
Input Current
IIN1
DE, DI,
RE
±2
µA
DE = 0V;
VIN = 12V
1.0
Input Current
(A, B)
IIN2
VCC = 0V or 5.25V,
VIN = -7V
-0.8
mA
Receiver Differential Threshold
Voltage
VTH
-7V ≤ VCM ≤12V
-0.2
0.2
V
Receiver Input Hysteresis
∆VTH
VCM = 0V
70
mV
Receiver Output High Voltage
VOH
IO = -4mA, VID = 200mV
3.5
V
Receiver Output Low Voltage
VOL
IO = 4mA, VID = -200mV
0.4
V
Three-State (high impedance)
Output Current at Receiver
IOZR
0.4V ≤ VO ≤ 2.4V
±1
µA
Receiver Input Resistance
RIN
-7V ≤ VCM ≤ 12V
kΩ



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com