công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC1201Y2RHHT bảng dữ liệu(PDF) 33 Page - Texas Instruments

tên linh kiện MSC1201Y2RHHT
Giải thích chi tiết về linh kiện  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1201Y2RHHT bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button MSC1201Y2RHHT Datasheet HTML 29Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 30Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 31Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 32Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 33Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 34Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 35Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 36Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
33
Slave Operation
Slave operation is supported, but address recognition,
R/W determination, and ACK/NACK must be done under
software control. The Disable Clock Stretch (DCS) bit can
be set to disable clock stretching. When the DCS bit is set,
the device will no longer stretch the clock and will not
generate interrupts. This bit can be used to disable clock
stretch interrupts when there is no address match. This bit
is automatically cleared when a start or repeated start
condition occurs.
Transmit
Once address recognition, R/W determination, and
ACK/NACK are complete, the serial data to be transferred
can be written to I2CDATA. The data is automatically
shifted out based on the master SCL. After data
transmission, CNTIF is generated and SCL is stretched by
the MSC120x until the I2CDATA register is written with a
0xFFh. The ACK/NACK from the master can then be read.
Receive
Once address recognition, R/W determination, and
ACK/NACK are complete, I2CDATA must be written with
0xFFh to enable data reception. Upon completion of the
data shift, the MSC120x generates the CNT interrupt and
stretches SCL. Received data can then be read from
I2CDATA. After the serial data has been received,
ACK/NACK is generated by writing 0x7Fh (for ACK) or
0xFFh (for NACK) to I2CDATA. The write to I2CDATA
clears the CNT interrupt and clock stretch.
MEMORY MAP
The MSC120x contain on-chip SFR, Flash Memory,
Configuration Memory, Scratchpad SRAM Memory, and
Boot ROM. The SFR registers are primarily used for
control and status. The standard 8051 features and
additional peripheral features of the MSC120x are
controlled through the SFR. Reading from an undefined
SFR returns zero. Writing to undefined SFR registers is not
recommended and will have indeterminate effects.
Flash Memory is used for both Program Memory and Data
Memory; however, program execution can only occur from
Program Memory. Program/Data Memory partition size is
selectable. The partition size is set through HCR0 (in the
Configuration Memory), which is programmed serially.
Both Program and Data Flash Memory are erasable and
writable (programmable) in UAM. Erase and write timing
of Flash Memory is controlled in the Flash Memory Timing
Control register (FTCON, SFR 0EFh). As an added
precaution, a lock feature can be activated through HCR0,
which disables erase/write operation to 4kB of Program
Flash Memory or the entire Program Flash Memory in
UAM.
FLASH MEMORY
The page size for Flash memory is 64 bytes. The
respective page must be erased before it can be written to,
regardless of whether it is mapped to Program memory or
Data memory space. The MSC120x use a memory
addressing scheme that separates Program Memory
(FLASH/ROM)
from
Data
Memory
(FLASH/RAM).
Addressing of program and data segments can overlap
since they are accessed by different instructions.
The
MSC120x
have three hardware configuration
registers
(HCR0,
HCR1,
and
HCR2)
that
are
programmable only during Flash Memory Programming
mode.
The MSC120x allow the user to partition the Flash Memory
between Program Memory and Data Memory. For
instance, the MSC120xY3 contain 8kB of Flash Memory
on-chip. Through the hardware configuration registers, the
user can define the partition between Program Memory
(PM) and Data Memory (DM), as shown in Table 3,
Table 4, and Figure 20. The MSC120x families offer two
memory configurations.
Table 3. Flash Memory Partitioning
HCR0
MSC120xY2
MSC120xY3
DFSEL
PM
DM
PM
DM
00
2kB
2kB
4kB
4kB
01
2kB
2kB
6kB
2kB
10
3kB
1kB
7kB
1kB
11
(default)
4kB
0kB
8kB
0kB
Table 4. Flash Memory Partitioning Addresses
HCR0
MSC120xY2
MSC120xY3
DFSEL
PM
DM
PM
DM
00
0000−07FF
0400−0BFF
0000−0FFF
0400−13FF
01
0000−07FF
0400−0BFF
0000−17FF
0400−0BFF
10
0000−0BFF
0400−07FF
0000−1BFF
0400−07FF
11
(default)
0000−0FFF
0000
0000−1FFF
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com