công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STTS2002B2DN3F bảng dữ liệu(PDF) 46 Page - STMicroelectronics

tên linh kiện STTS2002B2DN3F
Giải thích chi tiết về linh kiện  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002B2DN3F bảng dữ liệu(HTML) 46 Page - STMicroelectronics

Back Button STTS2002B2DN3F Datasheet HTML 42Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 43Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 44Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 45Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 46Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 47Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 48Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 49Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Package mechanical data
STTS2002
46/52
Doc ID 15389 Rev 5
The landing pattern recommendations per the JEDEC proposal for the TDFN package (DN)
are shown in Figure 18.
The preferred implementation with wide corner pads enhances device centering during
assembly, but a narrower option is defined for modules with tight routing requirements.
Figure 18.
Landing pattern - TDFN8 package (DN)
e/2
e/2
e2
K
K
E2/2
E2/2
E2
D2/2
D2
D2/2
L
L
e
b
b
b2
b4
K2
K2
K2
E3
E3
e4
ai14000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52