| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVC1G74GD bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC1G74GD bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 25 page ![]() 74LVC1G74 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 10 — 2 December 2011 9 of 25 NXP Semiconductors 74LVC1G74 Single D-type flip-flop with set and reset; positive edge trigger 11. Dynamic characteristics Table 9. Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10. Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Typ[1] Max Min Max tpd propagation delay CP to Q, Q; see Figure 8 [2] VCC = 1.65 V to 1.95 V 1.5 6.0 13.4 1.5 13.4 ns VCC = 2.3 V to 2.7 V 1.0 3.5 7.1 1.0 7.1 ns VCC = 2.7 V 1.0 3.5 7.1 1.0 7.1 ns VCC = 3.0 V to 3.6 V 1.0 3.5 5.9 1.0 5.9 ns VCC = 4.5 V to 5.5 V 1.0 2.5 4.1 1.0 4.1 ns SD to Q, Q; see Figure 9 [2] VCC = 1.65 V to 1.95 V 1.5 6.0 12.9 1.5 12.9 ns VCC = 2.3 V to 2.7 V 1.0 3.5 7.0 1.0 7.0 ns VCC = 2.7 V 1.0 3.5 7.0 1.0 7.0 ns VCC = 3.0 V to 3.6 V 1.0 3.0 5.9 1.0 5.9 ns VCC = 4.5 V to 5.5 V 1.0 2.5 4.1 1.0 4.1 ns RD to Q, Q; see Figure 9 [2] VCC = 1.65 V to 1.95 V 1.5 5.0 12.9 1.5 12.9 ns VCC = 2.3 V to 2.7 V 1.0 3.5 7.0 1.0 7.0 ns VCC = 2.7 V 1.0 3.5 7.0 1.0 7.0 ns VCC = 3.0 V to 3.6 V 1.0 3.0 5.9 1.0 5.9 ns VCC = 4.5 V to 5.5 V 1.0 2.5 4.1 1.0 4.1 ns tW pulse width CP HIGH or LOW; see Figure 8 VCC = 1.65 V to 1.95 V 6.2 - - 6.2 - ns VCC = 2.3 V to 2.7 V 2.7 - - 2.7 - ns VCC = 2.7 V 2.7 - - 2.7 - ns VCC = 3.0 V to 3.6 V 2.7 1.3 - 2.7 - ns VCC = 4.5 V to 5.5 V 2.0 - - 2.0 - ns SD and RDLOW; see Figure 9 VCC = 1.65 V to 1.95 V 6.2 - - 6.2 - ns VCC = 2.3 V to 2.7 V 2.7 - - 2.7 - ns VCC = 2.7 V 2.7 - - 2.7 - ns VCC = 3.0 V to 3.6 V 2.7 1.6 - 2.7 - ns VCC = 4.5 V to 5.5 V 2.0 - - 2.0 - ns |