công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLM5 bảng dữ liệu(PDF) 9 Page - ITT Industries

tên linh kiện DLM5
Giải thích chi tiết về linh kiện  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM5 bảng dữ liệu(HTML) 9 Page - ITT Industries

Back Button DLM5 Datasheet HTML 5Page - ITT Industries DLM5 Datasheet HTML 6Page - ITT Industries DLM5 Datasheet HTML 7Page - ITT Industries DLM5 Datasheet HTML 8Page - ITT Industries DLM5 Datasheet HTML 9Page - ITT Industries DLM5 Datasheet HTML 10Page - ITT Industries DLM5 Datasheet HTML 11Page - ITT Industries DLM5 Datasheet HTML 12Page - ITT Industries DLM5 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
8
ZIF Connectors
DL/DLM
DL/DLM Product Features
High pin count:
60, 96, 156, 260, 360, 624, 1248* or 2496*
contact positions.
Variety of contacts:
– Crimp
– Square Post
– Wrap Post
– Buss
– PC/RC
Metal or plastic housing.
Wide range of accessories.
Easy actuation by screwdriver, socket wrench
(DL1/2/3 only), allen wrench or actuating
handle (see accessories page 47).
The long life and rapid mating are achieved through
the use of our Zero Insertion Force design.
Contacts in the plug and receptacle do not touch
each other while the connector halves are being
engaged.
Zero Insertion Force Camming Instructions
This is our ‘‘DL/DLM’’ series of connectors.
Step 1. Simply place it together.
Step 2. Turn the cam a quarter turn.
Step 3. It’s locked and mated.
Contacts aligned.
Contacts engaged.
Contacts are mated.
It’s as easy as 1, 2, 3...
Step 1. The plug is placed over the receptacle.
Step 2. A ‘‘quarter turn’’ of an actuating shaft
mates all the contacts at once.
Step 3. The ‘‘same quarter’’ turn also physically
locks the connector halves together.
Connector engagement force is zero, and the only
wear on the contacts occurs as they are pressed
together and lightly wiped past each other during
the camming and locking operation.
* Contact Cannon for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76