| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DLD1 bảng dữ liệu(PDF) 45 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLD1 bảng dữ liệu(HTML) 45 Page - ITT Industries |
|
45 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 44 ZIF Connectors Accessories Metal Backshell DL1, DLM1 DL1, DLM1 is a two piece shell design. Kit consists of 2 shells, 10 screws, 1 wire hood, 1 wire clamp, 1 lock/open indication seal. Materials and Finishes Shell: Nickel over die cast aluminum Hardware: Stainless Steel Used On Part Number Mounting Max Cable Entry DL1, DLM1 249-4516-000 Straight or 90 ° 19,05 (.750) Wire hood may be installed in two positions. 90 ° cable entry as shown or straight entry by rotating wire hood. DL2, DLM2 DL2, DLM2 is a two piece shell design. Kit consists of 2 shells, 9 screws, 1 wire hood, 1 wire clamp, 1 lock/open indication seal. Materials and Finishes Shell: Nickel over die cast aluminum Hardware: Stainless Steel Used On Part Number Mounting Max Cable Entry DL2, DLM2 249-4517-000 Straight or 90 ° 19,05 (.750) Wire hood may be installed in two positions. 90 ° cable entry as shown or straight entry by rotating wire hood. DL3, DLM3 DL3, DLM3 is a two piece shell design. Kit consists of 2 shells, 9 screws, 1 wire hood, 1 wire clamp, 1 lock/open indication seal. Materials and Finishes Shell: Nickel over die cast aluminum Hardware: Stainless Steel Used On Part Number Mounting Max Cable Entry DL3, DLM3 249-4518-000 Straight or 90 ° 19,05 (.750) Wire hood may be installed in two positions. 90 ° cable entry as shown or straight entry by rotating wire hood. (1.43) 36,3 123,4 (4.86) (.96) 24,5 (1.91) 48,6 C L 111,4 (4.38) 1 (1.11) 28,1 C L 65,8 (2.59) (.96) 24,5 77,8 (3.06) (1.43) 36,3 (1.30) 33,0 L C 1 (1.11) 28,1 L C 33,0 (1.30) 36,3 (1.43) 77,8 (3.06) 24,5 (.96) 65,8 (2.59) L C 1 28,1 (1.11) L C |