công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DL1 bảng dữ liệu(PDF) 65 Page - ITT Industries

tên linh kiện DL1
Giải thích chi tiết về linh kiện  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DL1 bảng dữ liệu(HTML) 65 Page - ITT Industries

Back Button DL1 Datasheet HTML 61Page - ITT Industries DL1 Datasheet HTML 62Page - ITT Industries DL1 Datasheet HTML 63Page - ITT Industries DL1 Datasheet HTML 64Page - ITT Industries DL1 Datasheet HTML 65Page - ITT Industries DL1 Datasheet HTML 66Page - ITT Industries DL1 Datasheet HTML 67Page - ITT Industries DL1 Datasheet HTML 68Page - ITT Industries DL1 Datasheet HTML 69Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
64
ZIF Connectors
DL/DLM/DLD
PCB Pad Layout
For the PC/RC Versions; The contact tail design
has been modified from a 0,64 (.025) square pin to
a 0,05 (.020) diameter round pin. The change
enables a decrease in the diameter of the through-
holes as well as the solder mounds on PCB’s (d1,
and d2 can be wider than D1 and D2). This can
reduce the crosstalk in RF circuits and enhance the
dielectric withstanding voltage in high voltage
circuits.
Dimensions
D1
1,14 (.045)
D2
0,47 (.018)
d1
1,44 (.057)
d2
0,62 (.024)
PCB Pad Layout
The soldering of contacts into through (THRU)
holes on a PC Board has become standard for
medical equipment and test equipment for semi-
conductors. As a result of the narrow spacing
between the solder pad and circuit pattern,
crosstalk between signals increases. A solution to
this problem is to make the diameter of the
contacts and solder lands smaller to provide more
space between the lands and the patterns.
However, a smaller diameter contact results in
higher impedance.
Cannon designed a solution with a smaller
diameter contact tail. This design application
allows the use of a smaller through-hole diameter.
CONTACT
SOLDER
THRU HOLE
PC TAIL
PCB
CONNECTOR
INSULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com