| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5467-ISZ bảng dữ liệu(PDF) 39 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5467-ISZ bảng dữ liệu(HTML) 39 Page - Cirrus Logic |
|
39 / 46 page ![]() CS5467 DS714F3 39 8.4 Page 2 Registers 8.4.1 Voltage Sag and Current Fault Duration (V1SagDUR , V2SagDUR , I1FaultDUR , I2FaultDUR ) Address: 0 (V1SagDUR ), 8 (V2SagDUR ), 4 (I1FaultDUR ), 12 (I2FaultDUR ) Default = 0 Voltage sag duration, V1SagDUR (V2SagDUR) and current fault duration, I1FaultDUR (I2FaultDUR) determine the count of output word rate (OWR) samples utilized to determine a sag or fault event. These are integers in the range of 0 to 8,388,607 samples. A value of zero disables the feature. 8.4.2 Voltage Sag and Current Fault Level (V1SagLEVEL , V2SagLEVEL , I1FaultLEVEL , I2FaultLEVEL ) Address: 1 (V1SagLEVEL ), 9 (V2SagLEVEL ), 5 (I1FaultLEVEL ), 13 (I2FaultLEVEL ) Default = 0 Voltage sag level, V1SagLEVEL (V2SagLEVEL ) and current fault level, I1FaultLEVEL (I2FaultLEVEL ) establish an input level below which a sag or fault is triggered. These are two's complement values in the range of -1.0 value 1.0, with the binary point to the right of the MSB. Negative values are not used. 8.5 Page 5 Register 8.5.1 Temperature Measurement (TMEAS ) – Address: 26 Default = 0 The Temperature Measurement (TMEAS) register is used to cycle-steal voltage channel2 for temperature measurement. Writing a one to the LSB causes the temperature to be measured and the Temperature register (T) to be updated. Refer to 6.13 Temperature Measurement on page 22 for more information. MSB LSB 0 222 221 220 219 218 217 216 ..... 26 25 24 23 22 21 20 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB 223 222 221 220 219 218 217 216 ..... 26 25 24 23 22 21 20 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |