| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS841S012DI bảng dữ liệu(PDF) 20 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS841S012DI bảng dữ liệu(HTML) 20 Page - Integrated Device Technology |
|
20 / 22 page ![]() ICS841S012DKI REVISION A JULY 20, 2009 20 ©2009 Integrated Device Technology, Inc. ICS841S012DI Data Sheet CRYSTAL-TO-0.7V DIFFERENTIAL HCSL/LVCMOS FREQUENCY SYNTHESIZER PACKAGE OUTLINE - K SUFFIX FOR 56 LEAD VFQFN TABLE 9. PACKAGE DIMENSIONS Reference Document: JEDEC Publication 95, MO-220 To p View Ind exArea D Chamfer 4x 0.6 x 0.6 max OPTIONAL Anvil Singula tion A 0. 08 C C A3 A1 S eating Plan e E2 E2 2 L (N -1)x e (R ef.) (Ref.) N & N Even N e D2 2 D2 (Ref.) N & N Odd 1 2 e 2 (Ty p.) If N & N are Even (N -1)x e (Re f.) b Th er mal Ba se N OR NOTE: The following package mechanical drawing is a generic drawing that applies to any pin count VFQFN package. This draw- ing is not intended to convey the actual pin count or pin layout of this device. The pin count and pinout are shown on the front page. The package dimensions are in Table 9 below. N O I T A I R A V C E D E J S R E T E M I L L I M N I S N O I S N E M I D L L A L O B M Y SM U M I N I MM U M I X A M N 6 5 A 0 8 . 00 . 1 1 A 05 0 . 0 3 A e c n e r e f e R 5 2 . 0 b 8 1 . 00 3 . 0 e C I S A B 0 5 . 0 N D 4 1 N E 4 1 D 0 . 8 2 D 5 3 . 45 6 . 4 E 0 . 8 2 E 5 0 . 55 3 . 5 L 3 . 05 5 . 0 |