| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP0503BAHTG bảng dữ liệu(PDF) 4 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
SP0503BAHTG bảng dữ liệu(HTML) 4 Page - Littelfuse |
|
4 / 7 page ![]() 75 ©2009 Littelfuse, Inc. SPA™ Silicon Protection Array Products Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information. Surface Mount TVS Avalanche Diode Array SP050xBA Lead-Free/Green Series Package Dimensions - SC70 e HE 3 1 2 E B A1 A D C L A2 e 502 SP0502BAJTG - SC70-3 Package SC70-3 Pins 3 JEDEC MO-203 Issue A Millimeters Inches Min Max Min Max A 0.80 1.10 0.031 0.043 A1 0.00 0.10 0.00 0.004 A2 0.70 1.00 0.028 0.039 B 0.15 0.30 0.006 0.012 c 0.08 0.25 0.003 0.010 D 1.85 2.25 0.073 0.089 E 1.15 1.35 0.045 0.053 e 0.66 BSC 0.026 BSC HE 2.00 2.40 0.079 0.094 L 0.26 0.46 0.010 0.018 e 5 4 1 2 3 L E HE c B A1 A D A2 504 e SP0504BAJTG - SC70-5 Package SC70-5 Pins 5 JEDEC MO-203 Issue A Millimeters Inches Min Max Min Max A 0.80 1.10 0.031 0.043 A1 0.00 0.10 0.00 0.004 A2 0.70 1.00 0.028 0.039 B 0.15 0.30 0.006 0.012 c 0.08 0.25 0.003 0.010 D 1.85 2.25 0.073 0.089 E 1.15 1.35 0.045 0.053 e 0.65 BSC 0.026 BSC HE 2.00 2.40 0.079 0.094 L 0.26 0.46 0.010 0.018 B 1 2 3 4 5 6 e E HE c L A1 A D A2 e 505 SP0505BAJTG - SC70-6 Package SC70-6 Pins 6 JEDEC MO-203 Issue A Millimeters Inches Min Max Min Max A 0.80 1.10 0.031 0.043 A1 0.00 0.10 0.00 0.004 A2 0.70 1.00 0.028 0.039 B 0.15 0.30 0.006 0.012 c 0.08 0.25 0.003 0.010 D 1.85 2.25 0.073 0.089 E 1.15 1.35 0.045 0.053 e 0.65 BSC 0.026 BSC HE 2.00 2.40 0.079 0.094 L 0.26 0.46 0.010 0.018 M - 1.60 - 0.063 N - 1.30 - 0.051 O - 0.65 - 0.026 P - 0.70 - 0.028 R - 0.35 - 0.014 S - 0.90 - 0.035 T - 2.50 - 0.098 P T + ++ + ++ + S (REF) N (REF) M (REF) O (REF) R Recommended Pad Layout |