công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SF2008G bảng dữ liệu(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện SF2008G
Giải thích chi tiết về linh kiện  20.0AMPS. Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF2008G bảng dữ liệu(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SF2008G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF2008G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:E11
RATINGS AND CHARACTERISTIC CURVES (SF2001G THRU SF2008G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
5
10
15
20
25
0
50
100
150
CASE TEMPERATURE (
oC)
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
0
40
80
120
160
200
1
10
100
NUMBER OF CYCLES AT 60 Hz
TA=25℃
8.3ms Single Half Sine Wave
JEDEC Method
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=100℃
TA=75℃
FIG. 4- TYPICAL JUNCTION CAPACITANCE PER LEG
40
50
60
70
80
90
100
1
10
100
1000
REVERSE VOLTAGE. (V)
TA=25
oC
FIG. 5- TYPICAL FORWARD CHARACTERISRICS
PER LEG
0.01
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
TA=25
oC
Pulse Width=300us
1% Duty Cycle
SF2005G-06G
SF2001G-04G
SF2007G-08G



Html Pages

1 2