công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B3AL bảng dữ liệu(PDF) 3 Page - Omron Electronics LLC

tên linh kiện B3AL
Giải thích chi tiết về linh kiện  Long Stroke Tactile Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3AL bảng dữ liệu(HTML) 3 Page - Omron Electronics LLC

  B3AL Datasheet HTML 1Page - Omron Electronics LLC B3AL Datasheet HTML 2Page - Omron Electronics LLC B3AL Datasheet HTML 3Page - Omron Electronics LLC B3AL Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Long Stroke Tactile Switch
B3AL
3
Operation
• Do not repeatedly operate the Switch with excessive force.
Applying excessive pressure or applying additional force after the
plunger has stopped may deform the disk spring of the Switch,
resulting in malfunction.
• Be sure to set up the Switch so that the plunger will operate in a
straight vertical line. If the plunger is pressed off-center or from an
angle it may cause deformation or damage to some parts.
• We recommend using a round bar with a diameter of at least 3 mm
as the actuator.
Dust Countermeasures
Do not mount or use the Switch in areas that are subject to dust.
If dust is unavoidable, protect the Switch with a sheet or other
countermeasure.
Water and Drip Resistance
The switch is not water or drip resistant.
Do not use it in locations subject to water.
Common Precautions
Be sure to read the precautions common to all Tactile Switches, con-
tained in the Technical User’s Guide, “Tactile Switches, Technical
Information” for correct use.



Html Pages

1 2 3 4