công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EPC703-QFN16 bảng dữ liệu(PDF) 2 Page - Espros Photonics corp

tên linh kiện EPC703-QFN16
Giải thích chi tiết về linh kiện  24V/50mA General-Purpose Output-Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EPC [Espros Photonics corp]
Trang chủ  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC703-QFN16 bảng dữ liệu(HTML) 2 Page - Espros Photonics corp

  EPC703-QFN16 Datasheet HTML 1Page - Espros Photonics corp EPC703-QFN16 Datasheet HTML 2Page - Espros Photonics corp EPC703-QFN16 Datasheet HTML 3Page - Espros Photonics corp EPC703-QFN16 Datasheet HTML 4Page - Espros Photonics corp EPC703-QFN16 Datasheet HTML 5Page - Espros Photonics corp EPC703-QFN16 Datasheet HTML 6Page - Espros Photonics corp EPC703-QFN16 Datasheet HTML 7Page - Espros Photonics corp EPC703-QFN16 Datasheet HTML 8Page - Espros Photonics corp EPC703-QFN16 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
He
epc701/epc703
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Power Supply Voltage VDD
maximum Power Dissipation
Storage Temperature Range (TS)
Lead Temperature solder, 4 sec. (TL)
-0.3 to +36.0 V (Note 2)
100mW
-40°C to +85°C
+260°C
Power Supply Voltage (VDD)
Operating Temperature (TO)
Humidity (non-condensing)
Min.
9.6
-40°
+5
Max.
30
+85°
+95
Units
V
C
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended operating conditions indi-
cate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifica -
tions and test conditions, see Electrical Characteristics.
Note 2: Supply voltages up to 36 Volts may be present for 10 seconds only.
Note 3: This device is a highly sensitive CMOS amplifier with an ESD rating of JEDEC HBM class 1C (>1kV). Handling and assembly of this
device should only be done at ESD protected workstations.
Electrical Characteristics
VDD = 9.6V < VDD < 30V, -40°C < TA < +85°C
Symbol
Parameter
Conditions/Comments
Values
Units
Min.
Typ.
Max.
VDD
Supply Voltage
9.6
30
V
ΔVDD
Ripple on Supply Voltage
Peak-Peak
10
%VDD
IDD
Supply Current
no load
300
400
μA
VOUT
Output Voltage
0
30
V
VSat
Output Saturation Voltage
@50mA output current referenced to V DD
-1
-2
V
ISENS
Sens Current
Current trigger threshold
50
60
70
mA
VSENS
Current Sens Voltage
Over-current trigger threshold voltage (by using an external
power switch), referenced to VDD
-0.18
-0.2
-0.25
V
IPeak
Short Circuit Peak Current Initial current during a short circuit (<1ms, 50Ω series resist-
or)
-0.6
A
VStatus
Status Output (referenced
to GND)
Logical high
2
5.5
V
Logical low
-0.3
0.8
Sink driving capability
-8
-10
-12
mA
fStatus
Status Output Frequency
epc703 only, duty cycle 50%
1.5
1.7
1.9
Hz
VIN
Input (referenced to GND)
Logical high
2.0
5.5
V
Logical low
-0.3
0.8
Hysteresis
0.25
Pull-down resistance
100
150
200
kΩ
PDIS
Power Dissipation
On-chip power dissipation
100
mW
tON
Response Time
On
1.0
1.2
μs
tOFF
Response Time
Off
0.7
1.0
μs
tdel
Off-delay Time
Time between over-current detection and STATUS/OUT
change (default value), refer to section Programming
40.0
50.0
60.0
μs
Programmable off-delay values
5/10/20/50/100/200/500/1,000
tminOFF
Recovery Time
Minimum down time of the OUT pin to protect the external
transistor (default value), refer to section Programming
400
500
600
ms
Programmable values
10/20/50/100/200/500/1,000/
1,500
frt
Short circuit recovery
delay time factor
tminoff/tdelay = frt (when used without external driver transistor,
refer to section “Over-current Reset Sequence”)
1,000
tSTARTUP
Start-up time
VDD ramp > 100 V/ms
200
μs
CL_max
External Load Capacit-
ance
Load capacitance that can be driven through OUT without trig -
gering over-current @2kOhm load and 5μs delay time
30
nF
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
2
Datasheet epc701_703 - V2.2
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com