công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EPC702-QFN16 bảng dữ liệu(PDF) 1 Page - Espros Photonics corp

tên linh kiện EPC702-QFN16
Giải thích chi tiết về linh kiện  24V/50mA General-Purpose Output-Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EPC [Espros Photonics corp]
Trang chủ  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC702-QFN16 bảng dữ liệu(HTML) 1 Page - Espros Photonics corp

  EPC702-QFN16 Datasheet HTML 1Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 2Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 3Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 4Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 5Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 6Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 7Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 8Page - Espros Photonics corp EPC702-QFN16 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
He
epc701/epc703
24V/50mA General-Purpose Output-Driver
General Description
The epc70x family is a general purpose high-side power switch for
24V interfaces. A low-side switch is also available, please refer to
the separate data sheet of epc700/702. The device is capable to
drive a load of 50mA at 30VDC. If a higher driving current is
necessary or if the output voltage shall be higher than 30VDC,
these chips can be used to drive an external power transistor. In
this mode of operation, the external transistor is fully protected
against over-current by the epc chip.
If the current through the external load exceeds a specified
threshold during a longer time period than a predefined time, the
output is turned off to protect the output switch. The switch is
turned on again after a predefined off-time, thus enabling the load
again in a self-healing mechanism. The over-current information is
indicated on the STATUS pin.
epc701 and epc703 are easy to use and reduce the need of ex-
ternal components to the minimum, thus saving pcb space and
money.
Features
High-side power switch
Driving capability without external transistor 50 mA/30VDC
Programmable short-circuit detection delay-time and recovery time
Static (epc701) or flashing (epc703) indication of the over-current -
status
Self-healing output mode
Available in CSP6 package with very small footprint and standard
QFN16 package
Applications
PLC
Sensors
Controllers
Functional Block Diagram
25.05.2011
Page 1
File: Unbenannt
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
Functional Block diagram epc701
LST
IN
Control logic
Configuration
registers
I
sink
I
Source
OUT
SENSE
R
SENSE
Over current
sense
+
–
+
ref
VDD
Over-current
delay / release
GND
GND
VDD
STATUS
GND
GND
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
1
Datasheet epc701_703 - V2.2
www.espros.ch


Số phần tương tự - EPC702-QFN16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Espros Photonics corp
EPC702-QFN16 EPC-EPC702-QFN16 Datasheet
264Kb / 11P
24V/50mA General-Purpose Output-Driver
More results

Mô tả tương tự - EPC702-QFN16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NTE Electronics
NTE210 NTE-NTE210 Datasheet
22Kb / 2P
Silicon Complementary Transistors General Purpose Output & Driver
logo
Rohm
BP5034D24 ROHM-BP5034D24 Datasheet
37Kb / 2P
AC100V input, 24V/50mA output
BP5034D24 ROHM-BP5034D24 Datasheet
27Kb / 2P
AC100V input, 24V/50mA output
logo
Mitsubishi Electric Sem...
M81711FP MITSUBISHI-M81711FP Datasheet
76Kb / 6P
GENERAL PURPOSE DRIVER
M81716FP MITSUBISHI-M81716FP Datasheet
72Kb / 5P
GENERAL PURPOSE DRIVER
logo
Princeton Technology Co...
PT6533 PTC-PT6533 Datasheet
115Kb / 4P
General Purpose LCD Driver
PT6533 PTC-PT6533_10 Datasheet
115Kb / 4P
General Purpose LCD Driver
logo
Espros Photonics corp
EPC700 EPC-EPC700 Datasheet
264Kb / 11P
24V/50mA General-Purpose Output-Driver
logo
Mitsubishi Electric Sem...
M81716FP MITSUBISHI-M81716FP_09 Datasheet
72Kb / 5P
GENERAL PURPOSE DRIVER
logo
TECH PUBLIC Electronics...
TPS715 TECHPUBLIC-TPS715 Datasheet
2Mb / 7P
24V,50mA, Ultralo-Quiescent-Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com