| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC4350 bảng dữ liệu(PDF) 71 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4350 bảng dữ liệu(HTML) 71 Page - NXP Semiconductors |
|
71 / 149 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx Fig 10. LPC4350/30/20/10 Memory mapping (peripherals) reserved peripheral bit band alias region high-speed GPIO reserved reserved reserved reserved 0x4000 0000 0x0000 0000 0x4001 2000 0x4004 0000 0x4005 0000 0x4010 0000 0x4400 0000 0x6000 0000 0xFFFF FFFF AHB peripherals SRAM memories external memory banks APB0 peripherals APB1 peripherals reserved reserved reserved RTC domain peripherals 0x4006 0000 0x4008 0000 0x4009 0000 0x400A 0000 0x400B 0000 0x400C 0000 0x400D 0000 0x400E 0000 0x400F 0000 0x400F 1000 0x400F 2000 0x400F 4000 0x400F 8000 clocking/reset peripherals APB2 peripherals APB3 peripherals SGPIO SPI 0x4010 1000 0x4010 2000 0x4200 0000 reserved external memories and ARM private bus APB2 peripherals 0x400C 1000 0x400C 2000 0x400C 3000 0x400C 4000 0x400C 6000 0x400C 8000 0x400C 7000 0x400C 5000 0x400C 0000 RI timer USART2 USART3 timer2 timer3 SSP1 QEI APB1 peripherals 0x400A 1000 0x400A 2000 0x400A 3000 0x400A 4000 0x400A 5000 0x400B 0000 0x400A 0000 motor control PWM I2C0 I2S0 I2S1 C_CAN1 reserved AHB peripherals 0x4000 1000 0x4000 0000 SCT 0x4000 2000 0x4000 3000 0x4000 4000 0x4000 6000 0x4000 8000 0x4001 0000 0x4001 2000 0x4000 9000 0x4000 7000 0x4000 5000 DMA SD/MMC EMC USB1 LCD USB0 reserved SPIFI ethernet reserved 0x4008 1000 0x4008 0000 WWDT 0x4008 2000 0x4008 3000 0x4008 4000 0x4008 6000 0x4008 A000 0x4008 7000 0x4008 8000 0x4008 9000 0x4008 5000 UART1 w/ modem SSP0 timer0 timer1 SCU GPIO interrupts GPIO GROUP0 interrupt GPIO GROUP1 interrupt USART0 RTC domain peripherals 0x4004 1000 0x4004 0000 alarm timer 0x4004 2000 0x4004 3000 0x4004 4000 0x4004 6000 0x4004 7000 0x4004 5000 power mode control CREG event router OTP controller reserved reserved RTC backup registers clocking reset control peripherals 0x4005 1000 0x4005 0000 CGU 0x4005 2000 0x4005 3000 0x4005 4000 0x4006 0000 CCU2 RGU CCU1 LPC4350/30/20/10 002aaf775 reserved reserved APB3 peripherals 0x400E 1000 0x400E 2000 0x400E 3000 0x400E 4000 0x400F 0000 0x400E 5000 0x400E 0000 I2C1 DAC C_CAN0 ADC0 ADC1 reserved GIMA APB0 peripherals |