| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXFT15N100Q3 bảng dữ liệu(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXFT15N100Q3 bảng dữ liệu(HTML) 2 Page - IXYS Corporation |
|
2 / 5 page ![]() IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions. IXFT15N100Q3 IXFH15N100Q3 IXYS MOSFETs and IGBTs are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 B1 6,683,344 6,727,585 7,005,734 B2 7,157,338B2 by one or more of the following U.S. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 B1 6,534,343 6,710,405 B2 6,759,692 7,063,975 B2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 B1 6,583,505 6,710,463 6,771,478 B2 7,071,537 Note 1. Pulse test, t ≤ 300μs, duty cycle, d ≤ 2%. Symbol Test Conditions Characteristic Values (T J = 25°C Unless Otherwise Specified) Min. Typ. Max. g fs V DS = 20V, ID = 0.5 • ID25, Note 1 7.5 12.5 S C iss 3250 pF C oss V GS = 0V, V DS = 25V, f = 1MHz 265 pF C rss 24 pF R Gi Gate Input Resistance 0.20 Ω t d(on) 28 ns t r 10 ns t d(off) 30 ns t f 8 ns Q g(on) 64 nC Q gs V GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25 23 nC Q gd 27 nC R thJC 0.18 °C/W R thCS TO-247 0.21 °C/W Source-Drain Diode Symbol Test Conditions Characteristic Values (T J = 25°C Unless Otherwise Specified) Min. Typ. Max. I S V GS = 0V 15 A I SM Repetitive, Pulse Width Limited by T JM 60 A V SD I F = IS, VGS = 0V, Note 1 1.4 V t rr 250 ns I RM 7.6 A Q RM 660 nC I F = 7.5A, -di/dt = 100A/μs V R = 100V, VGS = 0V Resistive Switching Times V GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25 R G = 2Ω (External) ADVANCE TECHNICAL INFORMATION The product presented herein is under development. The Technical Specifications offered are derived from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right to change limits, test conditions, and dimensions without notice. TO-247 Outline Terminals: 1 - Gate 2 - Drain 3 - Source TO-268 Outline Terminals: 1 - Gate 2,4 - Drain 3 - Source e ∅ P 1 2 3 Dim. Millimeter Inches Min. Max. Min. Max. A 4.7 5.3 .185 .209 A 1 2.2 2.54 .087 .102 A 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 C .4 .8 .016 .031 D 20.80 21.46 .819 .845 E 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 L 19.81 20.32 .780 .800 L1 4.50 .177 ∅P 3.55 3.65 .140 .144 Q 5.89 6.40 0.232 0.252 R 4.32 5.49 .170 .216 S 6.15 BSC 242 BSC |