công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W29GL032CL7B bảng dữ liệu(PDF) 21 Page - Winbond

tên linh kiện W29GL032CL7B
Giải thích chi tiết về linh kiện  32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond

W29GL032CL7B bảng dữ liệu(HTML) 21 Page - Winbond

Back Button W29GL032CL7B Datasheet HTML 17Page - Winbond W29GL032CL7B Datasheet HTML 18Page - Winbond W29GL032CL7B Datasheet HTML 19Page - Winbond W29GL032CL7B Datasheet HTML 20Page - Winbond W29GL032CL7B Datasheet HTML 21Page - Winbond W29GL032CL7B Datasheet HTML 22Page - Winbond W29GL032CL7B Datasheet HTML 23Page - Winbond W29GL032CL7B Datasheet HTML 24Page - Winbond W29GL032CL7B Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
W29GL032C
Publication Release Date: October 18, 2011
15
Preliminary - Revision E
7.3 Enhanced Sector Protect/Un-protect
This device is set from the factory in the Individual Protection mode of the Enhanced Sector Protect
scheme. The user can disable or enable the programming or erasing operation to any individual sector
or whole chip. The figure below helps describe an overview of these methods.
The device defaults to the Individual mode and all sectors are unprotected when shipped from the
factory.
The following flow chart shows the detailed algorithm of Enhanced Sector Protect:
Figure 7-1
Enhanced Sector Protect/Un-protect IPB Program Algorithm
Start
Individual Protection
Mode
(Default)
Set IPB
Lock Bit
IPB lock Bit locked
All IPB not changeable
Dynamic Write Protect bit
(DPB)
Sector Array
Individual Protect bit
(IPB)
DPB=0 Sector Protect
DPB=1 Sector Unprotect
IPB Lock bit Unlocked
IPB is Changeable
DPB 0
DPB 1
DPB 2
DPB + n
.
.
.
.
SA 0
SA 1
SA 2
SA + n
.
.
.
.
IPB 0
IPB 1
IPB 2
IPB + n
.
.
.
.
IPB=0 Sector Protect
IPB=1 Sector Unprotect
IPB=0
IPB=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66