| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W29GL032CL7T bảng dữ liệu(PDF) 21 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W29GL032CL7T bảng dữ liệu(HTML) 21 Page - Winbond |
|
21 / 66 page ![]() W29GL032C Publication Release Date: October 18, 2011 15 Preliminary - Revision E 7.3 Enhanced Sector Protect/Un-protect This device is set from the factory in the Individual Protection mode of the Enhanced Sector Protect scheme. The user can disable or enable the programming or erasing operation to any individual sector or whole chip. The figure below helps describe an overview of these methods. The device defaults to the Individual mode and all sectors are unprotected when shipped from the factory. The following flow chart shows the detailed algorithm of Enhanced Sector Protect: Figure 7-1 Enhanced Sector Protect/Un-protect IPB Program Algorithm Start Individual Protection Mode (Default) Set IPB Lock Bit IPB lock Bit locked All IPB not changeable Dynamic Write Protect bit (DPB) Sector Array Individual Protect bit (IPB) DPB=0 Sector Protect DPB=1 Sector Unprotect IPB Lock bit Unlocked IPB is Changeable DPB 0 DPB 1 DPB 2 DPB + n . . . . SA 0 SA 1 SA 2 SA + n . . . . IPB 0 IPB 1 IPB 2 IPB + n . . . . IPB=0 Sector Protect IPB=1 Sector Unprotect IPB=0 IPB=1 |