| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W25Q40BVSNIP bảng dữ liệu(PDF) 21 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W25Q40BVSNIP bảng dữ liệu(HTML) 21 Page - Winbond |
|
21 / 73 page ![]() W25Q40BV Publication Release Date: July 08, 2010 - 21 - Preliminary - Revision B 8.2.7 Write Disable (04h) The Write Disable instruction (Figure 6) resets the Write Enable Latch (WEL) bit in the Status Register to a 0. The Write Disable instruction is entered by driving /CS low, shifting the instruction code “04h” into the DI pin and then driving /CS high. Note that the WEL bit is automatically reset after Power-up and upon completion of the Write Status Register, Erase/Program Security Registers, Page Program, Quad Page Program, Sector Erase, Block Erase and Chip Erase instructions. Write Disable instruction can also be used to invalidate the Write Enable for Volatile Status Register instruction. Figure 6. Write Disable Instruction Sequence Diagram |