công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W25Q16DWZPIP bảng dữ liệu(PDF) 2 Page - Winbond

tên linh kiện W25Q16DWZPIP
Giải thích chi tiết về linh kiện  1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DWZPIP bảng dữ liệu(HTML) 2 Page - Winbond

  W25Q16DWZPIP Datasheet HTML 1Page - Winbond W25Q16DWZPIP Datasheet HTML 2Page - Winbond W25Q16DWZPIP Datasheet HTML 3Page - Winbond W25Q16DWZPIP Datasheet HTML 4Page - Winbond W25Q16DWZPIP Datasheet HTML 5Page - Winbond W25Q16DWZPIP Datasheet HTML 6Page - Winbond W25Q16DWZPIP Datasheet HTML 7Page - Winbond W25Q16DWZPIP Datasheet HTML 8Page - Winbond W25Q16DWZPIP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
W25Q16DW
- 2 -
Table of Contents
1.
GENERAL DESCRIPTION ............................................................................................................... 5
2.
FEATURES....................................................................................................................................... 5
3.
PIN CONFIGURATION SOIC 150 / 208-MIL.................................................................................... 6
4.
PAD CONFIGURATION WSON 6X5-MM ........................................................................................ 6
5.
PIN DESCRIPTION SOIC 150/208-MIL, WSON 6X5-MM ............................................................... 6
6.
PIN CONFIGURATION SOIC 300-MIL............................................................................................. 7
7.
PIN DESCRIPTION SOIC 300-MIL .................................................................................................. 7
7.1
Package Types ..................................................................................................................... 8
7.2
Chip Select (/CS) .................................................................................................................. 8
7.3
Serial Data Input, Output and IOs (DI, DO and IO0, IO1, IO2, IO3)..................................... 8
7.4
Write Protect (/WP) .............................................................................................................. 8
7.5
HOLD (/HOLD) ..................................................................................................................... 8
7.6
Serial Clock (CLK) ................................................................................................................ 8
8.
BLOCK DIAGRAM ............................................................................................................................ 9
9.
FUNCTIONAL DESCRIPTION ....................................................................................................... 10
9.1
SPI/QPI OPERATIONS ...................................................................................................... 10
9.1.1
Standard SPI Instructions.....................................................................................................10
9.1.2
Dual SPI Instructions ............................................................................................................10
9.1.3
Quad SPI Instructions...........................................................................................................11
9.1.4
QPI Instructions ....................................................................................................................11
9.1.5
Hold Function .......................................................................................................................11
9.2
WRITE PROTECTION ....................................................................................................... 12
9.2.1
Write Protect Features .........................................................................................................12
10.
CONTROL AND STATUS REGISTERS......................................................................................... 13
10.1
STATUS REGISTER .......................................................................................................... 13
10.1.1
BUSY..................................................................................................................................13
10.1.2
Write Enable Latch (WEL)..................................................................................................13
10.1.3
Block Protect Bits (BP2, BP1, BP0)....................................................................................13
10.1.4
Top/Bottom Block Protect (TB) ...........................................................................................13
10.1.5
Sector/Block Protect (SEC) ................................................................................................13
10.1.6
Complement Protect (CMP)................................................................................................14
10.1.7
Status Register Protect (SRP1, SRP0)...............................................................................14
10.1.8
Erase/Program Suspend Status (SUS) ..............................................................................14
10.1.9
Security Register Lock Bits (LB3, LB2, LB1, LB0)..............................................................14
10.1.10
Quad Enable (QE) ............................................................................................................15
10.1.11
W25Q16DW Status Register Memory Protection (CMP = 0) ...........................................16
10.1.12
W25Q16DW Status Register Memory Protection (CMP = 1) ...........................................17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83