công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W25Q16CLSNIP bảng dữ liệu(PDF) 2 Page - Winbond

tên linh kiện W25Q16CLSNIP
Giải thích chi tiết về linh kiện  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLSNIP bảng dữ liệu(HTML) 2 Page - Winbond

  W25Q16CLSNIP Datasheet HTML 1Page - Winbond W25Q16CLSNIP Datasheet HTML 2Page - Winbond W25Q16CLSNIP Datasheet HTML 3Page - Winbond W25Q16CLSNIP Datasheet HTML 4Page - Winbond W25Q16CLSNIP Datasheet HTML 5Page - Winbond W25Q16CLSNIP Datasheet HTML 6Page - Winbond W25Q16CLSNIP Datasheet HTML 7Page - Winbond W25Q16CLSNIP Datasheet HTML 8Page - Winbond W25Q16CLSNIP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
W25Q16CL
- 2 -
Table of Contents
1.
GENERAL DESCRIPTION ............................................................................................................... 5
2.
FEATURES....................................................................................................................................... 5
3.
PIN CONFIGURATION SOIC 150 / 208-MIL ................................................................................... 6
4.
PAD CONFIGURATION WSON 6X5-MM ........................................................................................ 6
5.
PIN CONFIGURATION PDIP 300-MIL............................................................................................. 7
6.
PIN DESCRIPTION SOIC 150/208-MIL, PDIP 300-MIL AND WSON 6X5-MM............................... 7
7.
PIN CONFIGURATION SOIC 300-MIL ............................................................................................ 8
8.
PIN DESCRIPTION SOIC 300-MIL .................................................................................................. 8
8.1
Package Types..................................................................................................................... 9
8.2
Chip Select (/CS).................................................................................................................. 9
8.3
Serial Data Input, Output and IOs (DI, DO and IO0, IO1, IO2, IO3) .................................... 9
8.4
Write Protect (/WP)............................................................................................................... 9
8.5
HOLD (/HOLD) ..................................................................................................................... 9
8.6
Serial Clock (CLK)................................................................................................................ 9
9.
BLOCK DIAGRAM.......................................................................................................................... 10
10.
FUNCTIONAL DESCRIPTION ....................................................................................................... 11
10.1
SPI OPERATIONS ............................................................................................................. 11
10.1.1
Standard SPI Instructions...................................................................................................11
10.1.2
Dual SPI Instructions ..........................................................................................................11
10.1.3
Quad SPI Instructions.........................................................................................................11
10.1.4
Hold Function .....................................................................................................................11
10.2
WRITE PROTECTION ....................................................................................................... 12
10.2.1
Write Protect Features........................................................................................................12
11.
CONTROL AND STATUS REGISTERS ........................................................................................ 13
11.1
STATUS REGISTER .......................................................................................................... 13
11.1.1
BUSY..................................................................................................................................13
11.1.2
Write Enable Latch (WEL) ..................................................................................................13
11.1.3
Block Protect Bits (BP2, BP1, BP0)....................................................................................13
11.1.4
Top/Bottom Block Protect (TB)...........................................................................................13
11.1.5
Sector/Block Protect (SEC) ................................................................................................13
11.1.6
Complement Protect (CMP) ...............................................................................................14
11.1.7
Status Register Protect (SRP1, SRP0)...............................................................................14
11.1.8
Erase/Program Suspend Status (SUS) ..............................................................................14
11.1.9
Security Register Lock Bits (LB3, LB2, LB1) ......................................................................14
11.1.10
Quad Enable (QE) ............................................................................................................15
11.1.11
Status Register Memory Protection (CMP = 0).................................................................16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77