| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP16OA1ASRWR bảng dữ liệu(PDF) 1 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
LP16OA1ASRWR bảng dữ liệu(HTML) 1 Page - E-SWITCH |
|
1 / 2 page ![]() www.e-switch.com 800.867.2717 RoHS 1 SPECIFICATIONS PART NUMBER CONFIGURATOR FEATURES & BENEFITS Audio / Visual Computer Peripherals Networking Telecommunication Instrumentation APPLICATIONS / MARKETS LP16 SERIES LP16 OA 1 - SPST A - 12.2mm Sq. B - 14.6mm Sq. S - Sculptured T - Transparent* R - Red G - Green B - Blue Y - Yellow W - White R - Red G - Green B - Blue Y - Yellow T - Transparent** N - No LED R - Red G - Green Y - Yellow B - Blue Series Function Stye Circuit Cap Size Cap Configuration Cap Color Diffuser Color LED Color Options Electrical Rating: 100mA, 20VDC Life Expectancy: 50,000,000 Cycles Contact Resistance: 150mΩ Max. Insulation Resistance: 10MΩ Min. at 500VDC Dielectric Strength: 500VAC for 1 Minute Operating Temperature: -5°C to 60°C Operating Force: 250gf ± 50gf Total Travel: 3.3mm ± 0.3mm Functions: SPST, Off-(On) Specifications subject to change without notice * Always used when a diffuser color is defined ** Always used when a cap color is defined • 50,000,000 cycle life expectancy • Long 3.3mm travel • Illumination options • 2 cap sizes • Price competitive |
Số phần tương tự - LP16OA1ASRWR |
|
Mô tả tương tự - LP16OA1ASRWR |