công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XTL bảng dữ liệu(PDF) 7 Page - Vishay Siliconix

tên linh kiện XTL
Giải thích chi tiết về linh kiện  Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XTL bảng dữ liệu(HTML) 7 Page - Vishay Siliconix

Back Button XTL Datasheet HTML 3Page - Vishay Siliconix XTL Datasheet HTML 4Page - Vishay Siliconix XTL Datasheet HTML 5Page - Vishay Siliconix XTL Datasheet HTML 6Page - Vishay Siliconix XTL Datasheet HTML 7Page - Vishay Siliconix XTL Datasheet HTML 8Page - Vishay Siliconix XTL Datasheet HTML 9Page - Vishay Siliconix XTL Datasheet HTML 10Page - Vishay Siliconix XTL Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
XTH, XTK, XTL, XTM, XTV
www.vishay.com
Vishay
Revision: 25-Jul-11
7
Document Number: 42077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Standard mounting nut provided is plated steel. Stainless steel nut can be obtained by adding “/STN” suffix to part number.
XTH, XTL AND XTV MOUNTING METHODS
DETAIL A
DETAIL B
DETAIL C
DETAIL D
DETAIL E
04022 RATINGS AND CASE CODES
DSCC
DRAWING
04022
PIN
CAP.
(NOM.)
CAP.
TOLERANCE
DC LEAKAGE MAX.
(μA)
ESR MAX.
120 Hz
25 °C
IMPEDANCE
MAX.
CAPACITANCE
CHANGE
(%)
RIPPLE
CURRENT
1/
DIMENSION
L
± 0.062 (1.57)
FIGURE
(μF)
(%)
+ 25 °C + 85 °C + 125 °C
(
)()
- 55 °C + 85 °C + 125 °C
(mA)
(INCHES)
8 VDC AT + 85 °C RATED; 9.2 VDC AT + 85 °C SURGE
01
70
+ 50, - 15
6
30
48
12
60
- 60
+ 30
+ 30
137
0.438 (11.13)
1A
02
140
+ 50, - 15
10
50
80
5.9
30
- 60
+ 30
+ 30
213
0.562 (14.27)
1A
10 VDC AT + 85 °C RATED; 11.5 VDC AT + 85 °C SURGE
03
50
+ 50, - 15
5
25
40
11.7
75
- 60
+ 30
+ 30
137
0.438 (11.13)
1A
04
100
+ 50, - 15
9
45
72
5.9
40
- 60
+ 30
+ 30
213
0.562 (14.27)
1A
20 VDC AT + 85 °C RATED; 23 VDC AT + 85 °C SURGE
05
28
+ 50, - 15
6
30
48
12
85
- 40
+ 20
+ 20
137
0.438 (11.13)
1A
06
56
+ 50, - 15
10
50
80
6
45
- 40
+ 20
+ 20
213
0.562 (14.27)
1A
30 VDC AT + 85 °C RATED; 34.5 VDC AT + 85 °C SURGE
07
20
+ 50, - 15
7
35
56
11.7
125
- 40
+ 20
+ 20
137
0.438 (11.13)
1A
08
40
+ 50, - 15
12
60
96
5.9
75
- 40
+ 20
+ 20
213
0.562 (14.27)
1A
0.065 ± 0.006
0.093 ± 0.031
Turret terminal
detail dimensions
(positive lead connections)
0.094 DIA. ± 0.004
For configurations A, B, C, D, E, F, G, H, J and M
0.020 ± 0.007
0.535 ± 0.010
Configuration
L only
Nut nearly flush
with ends of threads
0.090
For configurations K and L
0.390
0.385
0.511
0.505
Tapped 1/4-20UNC-2B
hole or internal
tooth lockwasher
and hex nut
For configurations E and H
Panel
Not recommended for
non-metal panels
For configurations F and J
Panel
Use 8-32 x 0.246 long
helical for non-ferrous
metal panel
0.625 DIA. counter
bore x 0.100.090 deep
(for head of weld screw)
0.375 MIN.
0.375 MIN. recommended
thickness
0.090
1" DIA.
counterbore
1.250" DIA.
counterbore
for XTV units
Configuration
L only
Secure to
100 in, lbs. torque
Panel must be
rigidly fixed
For configurations K and L
May use rectangular hole
of similar dimensions
0.390
0.385
0.511
0.505
Configuration
L only



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com