công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VCUT05D1-SD0 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện VCUT05D1-SD0
Giải thích chi tiết về linh kiện  Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in Silicon Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCUT05D1-SD0 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  VCUT05D1-SD0 Datasheet HTML 1Page - Vishay Siliconix VCUT05D1-SD0 Datasheet HTML 2Page - Vishay Siliconix VCUT05D1-SD0 Datasheet HTML 3Page - Vishay Siliconix VCUT05D1-SD0 Datasheet HTML 4Page - Vishay Siliconix VCUT05D1-SD0 Datasheet HTML 5Page - Vishay Siliconix VCUT05D1-SD0 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VCUT05D1-SD0
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 01-Sep-11
2
Document Number: 83443
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CUT THE SPIKES WITH VCUT05D1-SD0
The VCUT05D1-SD0 is a Bidirectional and Symmetrical (BiSy) ESD-protection device which clamps positive and negative
overvoltage transients to ground. Connected between the signal or data line and the ground the VCUT05D1-SD0 offers a high
isolation (low leakage current, low capacitance) within the specified working range. Due to the short leads and small package
size of the tiny CLP0603 package the line inductance is very low, so that fast transients like and ESD-strike can be clamped
with minimal over- or undershoots.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - ESD Discharge Current Wave Form
acc. IEC 61000-4-2 (330
/150 pF)
Fig. 2 - 8/20 μs Peak Pulse Current Wave Form
acc. IEC 61000-4-5
Fig. 3 - Typical Capacitance CD vs. Reverse Voltage VR
Fig. 4 - Typical Reverse Voltage VR vs. Reverse Current IR
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse stand-off voltage
VRWM
--
5.5
V
Reverse voltage
at I = 0.1 μA
VR
5.5
7.5
8.5
V
Reverse current
at V = 5.5 V
IR
--
0.1
μA
Reverse breakdown voltage
at I = 1 mA
VBR
6.5
8
9
V
Reverse clamping voltage
at IPP = 1 A
VC
-8.8
10
V
at IPP = IPPM = 6 A
VC
-11
13
V
Capacitance
at V = 0 V; f = 1 MHz
CD
-10
13
pF
at V = 2.5 V; f = 1 MHz
CD
-8.5
-
pF
0 %
20 %
40 %
60 %
80 %
100 %
120 %
- 10 0 10 20 30 40 50 60 70 80 90 100
Time (ns)
Rise time = 0.7 ns to 1 ns
53 %
27 %
20557
0 %
20 %
40 %
60 %
80 %
100 %
010
20
30
40
Time (µs)
20 µs to 50 %
8 µs to 100 %
20548
VR (V)
22546
0
2
4
6
8
10
12
01234
5
6
7
f = 1 MHz
IR (µA)
22547
10-2
10-1
1101
102
103
104
0
1
2
3
4
5
6
7
8
9



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com