| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EVQPSC bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EVQPSC bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 4 page ![]() Light Touch Switches/EVQPS Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. 7.4 1.5 0.5 6.1 3.4 ±0.2 0.5 φ0.9 +0 .2 3.0 ±0.1 –0 3.0 ±0.05 4.4 2.4 AB A' B' 1.8 0.6 0.6 AB A' B' PWB land pattern for reference (Tolerance: ±0.1) Circuit Diagram 7.4 1.5 0.5 6.1 3.0 ±0.1 AB A' B' 1.8 0.6 AB A' B' 1.4 0.5 φ0.9 +0.2 –0 3.0 ±0.05 3.4 ±0.2 3.4 PWB land pattern for reference (Tolerance: ±0.1) Circuit Diagram ■ Dimensions in mm (not to scale) No. 1 Part Numbers Operating Force Height Push Plate Color Operating Life EVQPSD02K 1.6 N1.8 mm Black100000 cycles EVQPSH02K 2.2 N1.8 mm Black100000 cycles Part Numbers Operating Force Height Push Plate Color Operating Life EVQPSM02K1.6 N1.8 mm Black100000 cycles EVQPSR02K2.2 N1.8 mm Black100000 cycles No. 2 EVQPSD EVQPSH J-bent terminals, with Boss EVQPSM EVQPSR Straight terminals, with Boss Nov. 2007 |