| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIP12503 bảng dữ liệu(PDF) 9 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
SIP12503 bảng dữ liệu(HTML) 9 Page - Vishay Siliconix |
|
9 / 11 page ![]() C 0.08 C bbb M A A C ddd M 7 4 9 9 8 6 11 7 8 5 C ccc // NX Detail C A1 A C aaa 2 X C aaa 2 X Pin 1 Mark 1 L2 E B A D L2 NxK E2 E2/2 D2/2 (ND-1) x e D2 N-1 Bottom View See Detail B N See Detail A Detail D Detail C A1 R R2 L e 12 Exposed Pad (Optional) Side View A2 A3 NX b C Seating Plane Detail D TopView 4 x Q 5 10 Datum A or B Datum A or B NX R1 L2 pin Tip 5 pin Tip e Odd pin/Side Detail B Even pin/Side e e/2 L NX R1 Detail A Edge of Plastic Body Exposed Metalized Feature This Feature Applies To Both Ends of The Package Exposed Slug/Heat Sink L2 L1 B 0.17 min 0.17 0.30 Package Information Vishay Siliconix Document Number: 72820 28-Jan-04 www.vishay.com 1 PowerPAKr MLP33-6, 8 and 10 (POWER IC ONLY) |