công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8331IBRGET bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8331IBRGET
Giải thích chi tiết về linh kiện  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331IBRGET bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 4Page - Texas Instruments ADS8331IBRGET Datasheet HTML 5Page - Texas Instruments ADS8331IBRGET Datasheet HTML 6Page - Texas Instruments ADS8331IBRGET Datasheet HTML 7Page - Texas Instruments ADS8331IBRGET Datasheet HTML 8Page - Texas Instruments ADS8331IBRGET Datasheet HTML 9Page - Texas Instruments ADS8331IBRGET Datasheet HTML 10Page - Texas Instruments ADS8331IBRGET Datasheet HTML 11Page - Texas Instruments ADS8331IBRGET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
ADS8331
ADS8332
SBAS363B – DECEMBER 2009 – REVISED DECEMBER 2010
www.ti.com
TIMING CHARACTERISTICS: VA = 5V
At TA = –40°C to +85°C, and VA = VBD = 5V, unless otherwise noted.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
External, fCCLK = 1/2 fSCLK
0.5
10.5
MHz
fCCLK
Frequency, conversion clock, CCLK
Internal
10.9
11.5
12.6
MHz
tSU1
Setup time, rising edge of CS to EOC(3)
Read while converting
1
CCLK
tH1
CS hold time with respect to EOC(3)
Read while sampling
20
ns
tWL1
Pulse duration, CONVST low
40
ns
tWH1
Pulse duration, CS high
40
ns
tSU2
Setup time, rising edge of CS to EOS
Read while sampling
20
ns
tH2
CS hold time with respect to EOS
Read while converting
20
ns
tSU3
Setup time, falling edge of CS to first falling edge of SCLK
8
ns
tWL2
Pulse duration, SCLK low
12
tSCLK – tWH2
ns
tWH2
Pulse duration, SCLK high
11
tSCLK – tWL2
ns
I/O clock only
25
ns
I/O and conversion clocks
47.6
1000
ns
tSCLK
Cycle time, SCLK
I/O clock, daisy-chain mode
25
ns
I/O and conversion clocks,
47.6
1000
ns
daisy-chain mode
tD1
Delay time, falling edge of SCLK to SDO invalid
10pF load
5
ns
tD2
Delay time, falling edge of SCLK to SDO valid
10pF load
20
ns
tD3
Delay time, falling edge of CS to SDO valid, SDO MSB output
10pF load
20
ns
tSU4
Setup time, SDI to falling edge of SCLK
8
ns
tH3
Hold time, SDI to falling edge of SCLK
8
ns
tD4
Delay time, rising edge of CS to SDO 3-state
10pF load
10
ns
tSU5
Setup time, last falling edge of SCLK before rising edge of CS
10
ns
tH4
Hold time, last falling edge of SCLK before rising edge of CS
2
ns
tSU6
(4)
Setup time, rising edge of SCLK to rising edge of CS
10
ns
tH5
(4)
Hold time, rising edge of SCLK to rising edge of CS
2
ns
tD5
Delay time, falling edge of CS to deactivation of INT
10pF load
20
ns
(1)
All input signals are specified with tr = tf = 1.5ns (10% to 90% of VBD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See the Timing Diagrams section.
(3)
The EOC and EOS signals are the inverse of each other.
(4)
Applies to the 5th or 17th rising SCLK when sending 4-bit or 16-bit commands, respectively, to the ADS8331/32.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com