| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P433 bảng dữ liệu(PDF) 5 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
P433 bảng dữ liệu(HTML) 5 Page - Vishay Siliconix |
|
5 / 6 page ![]() Document Number: 93755 For technical questions, contact: indmodules@vishay.com www.vishay.com Revision: 05-Nov-09 5 P400 Series Passivated Assembled Circuit Elements, 40 A Vishay High Power Products Fig. 6 - Maximum Non-Repetitive Surge Current Fig. 7 - Maximum Non-Repetitive Surge Current Fig. 8 - Thermal Impedance ZthJC Characteristics Fig. 9 - Gate Characteristics Number of Equal Amplitude Half Cycle Current Pulses (N) 10 100 1 150 175 200 300 250 325 275 225 350 93755_06 Per junction At any rated load condition and with rated V RRM applied following surge. Initial T J = 125 °C at 60 Hz 0.0083 s at 50 Hz 0.0100 s Pulse Train Duration (s) 0.1 1 0.01 150 200 250 300 350 400 93755_07 Maximum non-repetitive surge current versus pulse train duration. Control of conduction may not be maintained. Initial T J = 125 °C No voltage reapplied Rated V RRM reapplied Per junction 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 Square Wave Pulse Duration (s) 93755_08 Steady state value R thJC = 1.05 K/W (DC operation) Per junction 0.1 1 10 100 0.001 93755_09 Instantaneous Gate Current (A) 0.01 0.1 1 10 100 (1) (2) (3) (4) (1) P GM = 10 W, tp = 5 ms (2) P GM = 20 W, tp = 25 ms (3) P GM = 50 W, tp = 1 ms (4) P GM = 100 W, tp = 500 μs Frequency limited by P G(AV) (b) (a) V GD I GD Rectangular gate pulse (a) Recommended load line for rated dI/dt: 10 V, 20 Ω, t r ≤ 1 μs (b) Recommended load line for rated dI/dt: 10 V, 65 Ω, t r ≤ 1 μs LINKS TO RELATED DOCUMENTS Dimensions www.vishay.com/doc?95335 |