công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LF1503 bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện PIC16LF1503
Giải thích chi tiết về linh kiện  14-Pin Flash, 8-Bit Microcontrollers
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503 bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button PIC16LF1503 Datasheet HTML 8Page - Microchip Technology PIC16LF1503 Datasheet HTML 9Page - Microchip Technology PIC16LF1503 Datasheet HTML 10Page - Microchip Technology PIC16LF1503 Datasheet HTML 11Page - Microchip Technology PIC16LF1503 Datasheet HTML 12Page - Microchip Technology PIC16LF1503 Datasheet HTML 13Page - Microchip Technology PIC16LF1503 Datasheet HTML 14Page - Microchip Technology PIC16LF1503 Datasheet HTML 15Page - Microchip Technology PIC16LF1503 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 340 page
background image
PIC16(L)F1503
DS41607A-page 12
Preliminary
 2011 Microchip Technology Inc.
RC0/AN4/C2IN+/CLC2/SCL/
SCK
RC0
TTL
CMOS General purpose I/O.
AN4
AN
A/D Channel input.
C2IN+
AN
Comparator C2 positive input.
CLC2
CMOS Configurable Logic Cell source output.
SCL
I2COD
I2C™ clock.
SCK
ST
CMOS SPI clock.
RC1/AN5/C1IN1-/C2IN1-/PWM4/
NCO1(1)/SDA/SDI
RC1
TTL
CMOS General purpose I/O.
AN5
AN
A/D Channel input.
C1IN1-
AN
Comparator C1 negative input.
C2IN1-
AN
Comparator C2 negative input.
PWM4
CMOS Pulse Width Module source output.
NCO1
CMOS Numerically Controlled Oscillator is source output.
SDA
I2COD
I2C data input/output.
SDI
CMOS
SPI data input.
RC2/AN6/C1IN2-/C2IN2-/SDO(1)
RC2
TTL
CMOS General purpose I/O.
AN6
AN
A/D Channel input.
C1IN2-
AN
Comparator C1 negative input.
C2IN2-
AN
Comparator C2 negative input.
SDO
CMOS SPI data output.
RC3/AN7/C1IN3-/C2IN3-/PWM2/
CLC2IN0
RC3
TTL
CMOS General purpose I/O.
AN7
AN
A/D Channel input.
C1IN3-
AN
Comparator C1 negative input.
C2IN3-
AN
Comparator C2 negative input.
PWM2
CMOS Pulse Width Module source output.
CLC2IN0
ST
Configurable Logic Cell source input.
RC4/C2OUT/CLC2IN1/CWG1B
RC4
TTL
CMOS General purpose I/O.
C2OUT
CMOS Comparator C2 output.
CLC2IN1
ST
Configurable Logic Cell source input.
CWG1B
CMOS CWG complementary output.
RC5/PWM1/CLC1(2)/
CWG1A
RC5
TTL
CMOS General purpose I/O.
PWM1
CMOS PWM output.
CLC1
CMOS Configurable Logic Cell source output.
CWG1A
CMOS CWG primary output.
VDD
VDD
Power
Positive supply.
VSS
VSS
Power
Ground reference.
TABLE 1-2:
PIC16(L)F1503 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1: Default location for peripheral pin function. Alternate location can be selected using the APFCON register.
2: Alternate location for peripheral pin function selected by the APFCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com