| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC10F322 bảng dữ liệu(PDF) 69 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F322 bảng dữ liệu(HTML) 69 Page - Microchip Technology |
|
69 / 210 page ![]() 2011 Microchip Technology Inc. Preliminary DS41585A-page 69 PIC10(L)F320/322 9.5 Write Verify It is considered good programming practice to verify that program memory writes agree with the intended value. Since program memory is stored as a full page then the stored program memory contents are compared with the intended data stored in RAM after the last write is complete. FIGURE 9-8: FLASH PROGRAM MEMORY VERIFY FLOWCHART Start Verify Operation Read Operation (Figure x.x) End Verify Operation This routine assumes that the last row of data written was from an image saved in RAM. This image will be used to verify the data currently stored in Flash Program Memory. PMDAT = RAM image ? Last Word ? Fail Verify Operation No Yes Yes No Figure 9-2 |